Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6355 Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6355
Description  300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6355 Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6355 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6355 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6355 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6355 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6355 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6355 Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
GM6355
300mA LOW NOISE CMOS LDO
WITH ENABLE FUNCTION
www.gammamicro.com.tw
Application
Battery operated systems
Portable computers
Portable cameras and video recorders
Reference voltage sources
Instruments
Pagers
Typical Application Circuits
Description
The GM6355 series is a low-dropout linear
regulator. It is designed specifically for battery-
operated systems with the ground current as low
as 50μA typical. This feature significantly extends
the battery life. Low power consumption and high
accuracy is achieved through CMOS and
programmable fuse technologies.
GM6355 offers adjustable output option with VREF
= 0.9V as well fixed output voltages including from
0.9V to 6.0V with 0.1V increment.
GM6355 consists of a high-precision voltage
reference, an error correction circuit, and a
current limited output driver. With good transient
responses, output remains stable even during
load changes.
With its high ripple rejection ratios, this series can
be used with power supply noise. A 470pF
capacitor from the bypass (BY) input to ground
reduces noise presenting on the internal
reference, which in turn significantly reduces
output noise. If output noise is not a concern, this
input may be left unconnected. However, to use
larger capacitor values Cbp it will result in a longer
time to rated output voltage when power is initially
applied.
GM6355 incorporates both over-temperature and
over-current protection. SOT23-5 (300mW)
packages is available.
Maximum output current: 300mA
Minimum output voltage as low as
0.9V
High output voltage accuracy:
± 1.5%
Low power consumption
On chip thermal and short circuit
protections
Low dropout voltage – 300mV @
300mA
Minimum input voltage 2.0V
 
VIN
Enable
EN
1
2
3
4
CBP
BP
Shutdown
COUT = 1µF
5
VOUT
Note: EN (Pin 3) maybe connected directly to VIN (Pin1)
GM6355-x.x
GM6355-Adj
Figure 1 Fixed output version
Figure 2. Adjustable output version
COUT = 1µF
VIN
Enable
EN
1
3
5
Adj
4
VOUT = VREF (1+ R1/R2)
R1
R2
2
Shutdown


Similar Part No. - GM6355

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-1.5ST23RG GAMMA-GM6350-1.5ST23RG Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5ST89R GAMMA-GM6350-1.5ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-1.5ST89RG GAMMA-GM6350-1.5ST89RG Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5T92BG GAMMA-GM6350-1.5T92BG Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6355

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
   300mA Low Quiescent Current CMOS LDO with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com