Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM431CS8R Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM431CS8R
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431CS8R Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM431CS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM431CS8R Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
GM431
2.5V ADJUSTABLE
SHUNT REGULATOR
1
1
11
Ordering Number
GM 431 A
T92
R
Output
Accuracy
Package Type
Shipping Type
APM
Gamma
Micro
Circuit
Type
A: 0 .5%
B: 1 .0%
C: 2.0%
T92: TO-92
ST23:SOT-23
ST89: SOT - 89
S8: SO-8
B: Bag
RL: Ammo Pack (Tape)
T: Tube
R: Tape & Reel
Ordering Number
GM 431R A
ST23
R
Output
Accuracy
Package Type
Shipping Type
APM
Gamma
Micro
Circuit
Type
A: 0 .5%
B: 1 .0%
C: 2.0%
ST23:SOT-23
R: Tape & Reel


Similar Part No. - GM431CS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431CS8R GAMMA-GM431CS8R Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431CS8RL GAMMA-GM431CS8RL Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431CS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com