Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM4275 Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM4275
Description  WIDE INPUT RANGE 5V LOW DROPOUT REGULATOR WITH RESET FLAG
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM4275 Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM4275 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM4275 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM4275 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM4275 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM4275 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM4275 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM4275 Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
GM4275
WIDE INPUT RANGE
5V LOW DROPOUT REGULATOR
WITH RESET FLAG
Package Outline Dimensions – TO-263-5
0.596 - 0.612
(15.14 - 15.54)
(1.70)
0.067 typ
0.224 - 0.272
(5.70 - 6.90)
(0.71 - 0.91)
0.028 - 0.036
(8.20 - 8.60)
0.322 - 0.339
(5.08 - 5.48)
0.200 - 0.216
0.389 - 0.408
(9.88 - 10.18)
7
3
0 - 8
(2.34 - 2.74)
0.092 - 0.108
(0.31 - 0.53)
0.012 - 0.021
(4.47 - 4.67)
0.176 - 0.184
(1.56 - 1.76)
0.061 - 0.069
0.046 - 0.054
(1.17 - 1.37)
Package Outline Dimensions – TO-252-5
o
o
(6.350 – 6.650)
0.250 – 0.262
(5.200 – 5.400)
0.205 – 0.213
(9.500 – 9.900)
0.374 – 0.390
(1.27)
0.050
(0.400 – 0.600)
0.016 – 0.024
TYP.
(2.540)
1.00
TYP.
(2.550 – 2.900)
0.100 – 0.114
(0.430 – 0.580)
0.017 – 0.023
(1.400 – 1.780)
0.055 – 0.070
(0.000 – 0.127)
0.000 – 0.005
(5.400 – 5.700)
0.213 – 0.224
(2.200 – 2.400)
0.087 – 0.094
(0.430 – 0.580)
0.017 – 0.023
(3.800)
0.150 REF


Similar Part No. - GM4275

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
logo
3M Electronics
GM400 3M-GM400 Datasheet
37Kb / 4P
   3M??Gripping Material
logo
Baumer IVO GmbH & Co. K...
GM400.0101102 IVO-GM400.0101102 Datasheet
774Kb / 6P
   Absolute encoders - SSI
GM400.0101104 IVO-GM400.0101104 Datasheet
774Kb / 6P
   Absolute encoders - SSI
GM400.0101106 IVO-GM400.0101106 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results

Similar Description - GM4275

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
   5V LOW DROPOUT REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
R1150H RICOH-R1150H_17 Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
ON Semiconductor
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com