Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM431BS8R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM431BS8R
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431BS8R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM431BS8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM431BS8R Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
GM431
2.5V ADJUSTABLE
SHUNT REGULATORS
G1
* fOSC: PWM Switching frequency
G2
F1
F2
FAC
AC Characteristic Determination:
This refers to the determination of the gain frequency characteristic of the Shunt regulator as an error
amp1ifier. Taking the configuration in Figure 10, the error amp1ifier characteristic is as Shown in Figure
10.
In Figure 17, the following formulas are obtained:
Gain
G1 = G0
≅ 50 dB to 60 dB (determined by shunt regulator)
Corner frequencies
f1 = 1/(2pC1G0R3)
f2 = 1/(2pC1R5)
G0 iS the Shunt regulator open-loop gain; this is given by the reciprocal of the reference voltage
fluctuation:
∆VREF/∆VKA, and is approximately 50 dB.
Practical Example
Consider the example of a photocoupler, with an internal light emitting diode VF = 1.05 V and IF = 2.5mA,
power supply output vo1tage V2 = 5V, and bias resistance R2 current of approximately 1/5 IF at 0.5mA.
If the Shunt regulator VK = 3V, the following values are found.
Next, assume that R3 = R4 = 10k. This gives a 5V output. If R5 = 3.3 k, and C1 = 0.022 pF, the
following values are found.
G2 = 3.3kΩ / 10kΩ = 0.33 times (-10 dB)
f1 = 1 / (2 × π × 0.022µF × 316 × 10 k) = 2.3 (Hz)
f1 = 1 / (2 × π × 0.022µF × 3.3k) = 2.2 (kHz) 2
Figure 10. GM431 Error Amplification Characteristic
When R5= 0
When R5= 0
fOSC Frequency f (Hz)
G2 = R
3
R5
1.05V
R2 = 0.54mA = 2.1kΩ
R1 = 2.5mA + 0.54mA
5V – 1.05V – 3V
= 316Ω


Similar Part No. - GM431BS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431BS8R GAMMA-GM431BS8R Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431BS8RL GAMMA-GM431BS8RL Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431BS8R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com