Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM431AT92RL Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM431AT92RL
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431AT92RL Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM431AT92RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM431AT92RL Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
GM431
2.5V ADJUSTABLE
SHUNT REGULATORS
Package Outline Dimensions – TO 92
2.10 - 2.27
4.7 - 5.2
0.4 - 0.55
Typ.
3.85 - 4.19
12.7 - 14.2
1.22 - 1.32
4.9 - 5.2
Package Outline Dimensions – SO 8
(0.356 - 0.508)
(0.406 - 0.270)
0.016 - 0.050
D
0.189 - 0.197
(4.800 - 5.004)
SEATING PLAN
0.014 - 0.020
0.150 - 0.157
(3.810 - 3.988)
0.008 - 0.010
(0.203 - 0.254)
8.0
MAX
0.053 - 0.059
(1.346 - 1.753)
0.004 - 0.010
0.228 - 0.244
(5.791 - 6.198)
0.050
(1.270)
TYP
(0.012 - 0.254)
Dimensions are in millimeters


Similar Part No. - GM431AT92RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431AT92RL GAMMA-GM431AT92RL Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431AT92RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com