Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM317 Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM317
Description  3-TERMINAL 1.5A ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM317 Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

  GM317_12 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM317_12 Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
GM317
3-TERMINAL 1.5A
ADJUSTABLE REGULATOR
Package Outline Dimensions – TO252
SEATING PLAN
0.370 – 0.410
(9.400 – 10.420)
0.205 – 0.215
(5.210 – 5.460)
0.210 – 0.228
(5.330 – 5.800)
0.055 – 0.080
(1.400 – 2.030)
0.018 – 0.023
(0.460 – 0.580)
0.030 – 0.045
(0.760 – 1.140)
0.180
(4.570)
TYP
0.090
(2.285)
TYP
0.045 – 0.060
(1.150 – 1.520)
0.039 – 0.050
(1.020 – 1.270)
0.018 – 0.023
(0.460 – 0.580)
0.020
(0.510)
MIN


Similar Part No. - GM317_12

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM317L GAMMA-GM317L Datasheet
163Kb / 7P
   3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317LS8RG GAMMA-GM317LS8RG Datasheet
163Kb / 7P
   3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317LT92BG GAMMA-GM317LT92BG Datasheet
163Kb / 7P
   3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317LT92RLG GAMMA-GM317LT92RLG Datasheet
163Kb / 7P
   3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317ST3R GAMMA-GM317ST3R Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
More results

Similar Description - GM317_12

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com