Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM79L00 Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM79L00
Description  100mA NEGATIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM79L00 Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM79L00 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
GM79L00 Series
100mA NEGATIVE VOLTAGE REGULATOR
GM79L12 Electrical Characteristics (VI = -19V, IO = 40mA unless otherwise noted)
Parameter
Test Condition
Min
Typ
Max
Unit
25°C
-11.5
-12
-12.5
IO =1mA to 40mA
VI = -14V to -27V
-11.4
-12
-12.6
Output Voltage
IO = 1mA to 70mA
0°C to 125°C
-11.4
-12
-12.6
V
VI = -14V to -27V
50
250
Input Regulation
VI = -16V to -27V
25°C
40
200
mV
Ripple Rejection
VI = -15V to -25V,
f = 120KHz
25°C
37
42
dB
IO = 1mA to 100mA
24
100
Output Regulation
IO = 1mA to 40mA
25°C
15
50
mV
Output Noise Voltage
F = 10Hz to 100KHz
25°C
80
μV
Dropout Voltage
25°C
1.7
V
25°C
6.5
Bias Current
125°C
6
mA
VI = -16V to -27V
1.5
Bias Current Change
IO = 1mA to 40mA
0°C to 125°C
0.1
mA
GM79L15 Electrical Characteristics (VI = -23V, IO = 40mA unless otherwise noted)
Parameter
Test Condition
Min
Typ
Max
Unit
25°C
-14.4
-15
-15.6
IO =1mA to 40mA
VI = -17.5V to -30V
-14.25
-15
-15.75
Output Voltage
IO = 1mA to 70mA
0°C to 125°C
-14.25
-15
-15.75
V
VI = -17.5V to -30V
60
300
Input Regulation
VI = -19V to -30V
25°C
50
250
mV
Ripple Rejection
VI = -18.5V to -28.5V,
f = 120KHz
25°C
34
39
dB
IO = 1mA to 100mA
25
150
Output Regulation
IO = 1mA to 40mA
25°C
15
75
mV
Output Noise Voltage
F = 10Hz to 100KHz
25°C
90
μV
Dropout Voltage
25°C
1.7
V
25°C
4.6
6.5
Bias Current
125°C
6
mA
VI = -19V to -30V
1.5
Bias Current Change
IO = 1mA to 40mA
0°C to 125°C
0.1
mA


Similar Part No. - GM79L00

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM79L05 GTM-GM79L05 Datasheet
327Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
GM79L09 GTM-GM79L09 Datasheet
327Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - GM79L00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM79LXX ETC1-LM79LXX Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com