Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215099012E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MAL215099012E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215099012E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MAL215099012E3 Datasheet HTML 5Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 6Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 7Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 8Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 9Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 10Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 11Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 12Page - Vishay Siliconix MAL215099012E3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
150 CRZ
www.vishay.com
Vishay BCcomponents
Revision: 23-Apr-13
10
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE (Z)
Fig. 12 - Typical impedance Z as a function
of frequency at 20 °C
Fig. 13 - Typical impedance Z as a function
of frequency at 20 °C
Fig. 14 - Typical impedance Z as a function
of frequency at 20 °C
RIPPLE CURRENT AND USEFUL LIFE
Table 8
Curve 1: 220-25-0810
Curve 2: 330-25-1010
Curve 3: 470-25-1014
Curve 4: 680-25-1213
Curve 5: 1000-25-1216
Curve 6: 1500-25-1616
Curve 7: 3300-25-1821
10
1
10
2
10
3
10
4
10
5
f (Hz)
100
10
1
0.1
0.01
Z
(
Ω)
1
2
3
4
5
6
7
10
1
10
2
10
3
10
4
10
5
0.01
0.1
1
10
100
1000
f (Hz)
Curve 1: 47-63-0810
Curve 2: 68-63-1010
Curve 3: 100-63-1014
Curve 4: 150-63-1213
Curve 5: 220-63-1216
Curve 6: 330-63-1616
Curve 7: 680-63-1821
Z
(
Ω)
1
2
3
4
5
6
7
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL
CASE SIZE
D x L
(mm)
CASE
CODE
MAL215097...
MAL215099...
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
USEFUL LIFE
AT 40 °C
1.8 x IR APPLIED
(h)
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
USEFUL LIFE
AT 40 °C
1.8 x IR APPLIED
(h)
8 x 8 x 10
0810
2000
2500
125 000
-
-
-
10 x 10 x 10
1010
2000
3000
150 000
2000
3000
150 000
10 x 10 x 12
1012
-
-
-
2000
3000
150 000
10 x 10 x 14
1014
2000
3000
150 000
-
-
-
12.5 x 12.5 x 13
1213
3000
5000
250 000
5000
6000
300 000
12.5 x 12.5 x 16
1216
3000
5000
250 000
6500
7500
375 000
16 x 16 x 16
1616
-
-
-
8000
10 000
500 000
16 x 16 x 21
1621
-
-
-
8000
10 000
500 000
18 x 18 x 16
1816
-
-
-
8000
10 000
500 000
18 x 18 x 21
1821
-
-
-
8000
10 000
500 000
10
1
10
2
10
3
10
4
10
5
0.1
1
10
100
1000
10 000
f (Hz)
Curve 1: 4,7-100-1010
Curve 2: 10-100-1010
Curve 3: 22-100-1010
Curve 4: 33-100-1010
Z
(
Ω)
4
3
2
1


Similar Part No. - MAL215099012E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215099301E3 VISHAY-MAL215099301E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215099312E3 VISHAY-MAL215099312E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215099313E3 VISHAY-MAL215099313E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215099314E3 VISHAY-MAL215099314E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215099315E3 VISHAY-MAL215099315E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
More results

Similar Description - MAL215099012E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com