Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN15MB200 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN15MB200
Description  1.5 Gbps Data Rate Per Channel, Configurable Off/On Pre-emphasis Drives Lossy Backplanes and Cables
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCAN15MB200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SCAN15MB200 Datasheet HTML 6Page - Texas Instruments SCAN15MB200 Datasheet HTML 7Page - Texas Instruments SCAN15MB200 Datasheet HTML 8Page - Texas Instruments SCAN15MB200 Datasheet HTML 9Page - Texas Instruments SCAN15MB200 Datasheet HTML 10Page - Texas Instruments SCAN15MB200 Datasheet HTML 11Page - Texas Instruments SCAN15MB200 Datasheet HTML 12Page - Texas Instruments SCAN15MB200 Datasheet HTML 13Page - Texas Instruments SCAN15MB200 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LVPECL
R2
150:
R1
150:
50:
50:
15MB200
SCAN15MB200
SNLS188E – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
TRI-STATE AND POWERDOWN MODES
The SCAN15MB200 has output enable control on each of the six onboard LVDS output drivers. This control
allows each output individually to be placed in a low power TRI-STATE mode while the device remains active,
and is useful to reduce power consumption on unused channels. In TRI-STATE mode, some outputs may remain
active while some are in TRI-STATE.
When all six of the output enables (all drivers on both channels) are deasserted (LOW), then the device enters a
Powerdown mode that consumes only 0.5mA (typical) of supply current. In this mode, the entire device is
essentially powered off, including all receiver inputs, output drivers and internal bandgap reference generators.
When returning to active mode from Powerdown mode, there is a delay until valid data is presented at the
outputs because of the ramp to power up the internal bandgap reference generators.
Any single output enable that remains active will hold the device in active mode even if the other five outputs are
in TRI-STATE.
When in Powerdown mode, any output enable that becomes active will wake up the device back into active
mode, even if the other five outputs are in TRI-STATE.
Input Failsafe Biasing
External pull up and pull down resistors may be used to provide enough of an offset to enable an input failsafe
under open-circuit conditions. This configuration ties the positive LVDS input pin to VDD thru a pull up resistor
and the negative LVDS input pin is tied to GND by a pull down resistor. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and waveform distortion to the driver. Please refer to
application note AN-1194 (SNLA051), “Failsafe Biasing of LVDS Interfaces” for more information.
Interfacing LVPECL to LVDS
An LVPECL driver consists of a differential pair with coupled emitters connected to GND via a current source.
This drives a pair of emitter-followers that require a 50
Ω to VCC-2.0 load. A modern LVPECL driver will typically
include the termination scheme within the device for the emitter follower. If the driver does not include the load,
then an external scheme must be used. The 1.3 V supply is usually not readily available on a PCB, therefore, a
load scheme without a unique power supply requirement may be used.
Figure 5. DC Coupled LVPECL to LVDS Interface
Figure 5 is a separated
π termination scheme for a 3.3 V LVPECL driver. R1 and R2 provides proper DC load for
the driver emitter followers, and may be included as part of the driver device.
NOTE
The bias networks shown above for LVPECL drivers and receivers may or may not be
present within the driver device. The LVPECL driver and receiver specification must be
reviewed closely to ensure compatibility between the driver and receiver terminations and
common mode operating ranges.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: SCAN15MB200


Similar Part No. - SCAN15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN15MB200TSQ NSC-SCAN15MB200TSQ Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200TSQ/NOPB TI1-SCAN15MB200TSQ/NOPB Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN15MB200TSQX NSC-SCAN15MB200TSQX Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
DS80E100 NSC-DS80E100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100_08 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_14 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 TI1-DS80EP100_15 Datasheet
5Mb / 18P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS80EP100 NSC-DS80EP100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS80EP100 TI1-DS80EP100_14 Datasheet
5Mb / 21P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com