Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBAU012 Datasheet(PDF) 8 Page - Texas Instruments

Part # SBAU012
Description  COMPLETE EVALUATION PLATFORM FOR THE PCM1604 SIX-CHANNEL AUDIO D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SBAU012 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SBAU012 Datasheet HTML 3Page - Texas Instruments SBAU012 Datasheet HTML 4Page - Texas Instruments SBAU012 Datasheet HTML 5Page - Texas Instruments SBAU012 Datasheet HTML 6Page - Texas Instruments SBAU012 Datasheet HTML 7Page - Texas Instruments SBAU012 Datasheet HTML 8Page - Texas Instruments SBAU012 Datasheet HTML 9Page - Texas Instruments SBAU012 Datasheet HTML 10Page - Texas Instruments SBAU012 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
DEM-DAI1604
DEMONSTRATION SOFTWARE
Software is provided with the DEM-DAI1604 to allow
programming of the PCM1600’s internal registers. The soft-
ware will operate on computers running Microsoft Windows
3.1, 95 or 98. The demo software requires that the PC printer
port be connected to CN3 of the DEM-DAI1604 using a
standard printer cable.
Installation
The demo software is distributed on a 3.5 inch floppy disk.
On the disk, there is a single folder named “Dem1604.”
This folder contains the application and all support files.
To install the software on your computer, first create a new
folder on your hard drive with an appropriate name (e.g.,
DEM1604, PCM1604, etc.). Then open the “Dem1604”
folder on the installation floppy and copy all the files in it to
your new folder.
Open the configuration settings file named “Dem1604” with
a text editor, such as Notepad. When the file is opened, find
the following line:
PCMIFADR = &h378
The &h378 indicates the printer port address that the demo
software will use to communicate with the DEM-DAI1604.
This address must be set to &h378, &h278, or &h3BC. Most
PCs use &H378 as the default printer port address. If your
printer port is not located at &h378, edit the address to match
your computer’s port address.
Using the Demo Software
Double click on the application file named “Dem1604.”
A window will appear on your screen, as shown in Figure 5.
There are two menus near the top of the window, named
Execute and Window.
The Execute menu includes three selections: Initialize, Re-
set, and Exit. Selecting Initialize will instruct the program to
write all of the PCM1604’s internal registers with the default
values. Selecting Reset will instruct the program to rewrite
the PCM1604’s internal registers with the data currently
selected in the application windows. Selecting Exit will
close the application.
The Window menu includes four selections: Attenuation,
Operational Control, Function Control, and Register Read.
The following sections provide an explanation of each
window.
HOLD and PASS
Each window has a button near the top. It’s labeled either
HOLD or PASS. The current setting is toggled by clicking on
the button. When set to HOLD, the settings in a window can
be changed, but they will not be written to the register(s) until
the OK button (which appears at the bottom of the window)
is pressed. When set to PASS, setting changes made in a
window are immediately written to the corresponding
register(s).
Attenuation Window
The Attenuation window is used to set the digital attenuation
registers internal to the PCM1604 and is shown in Figure 6.
There is an attenuator for each of the six output channels,
and each attenuator has its own independent register to
control its attenuation level. In the Attenuation window,
there is a slider for each attenuator register. Use the slider
handle or the arrows at each end of the slider to adjust the
attenuation level. The left and right arrow keys on the
keyboard can also be used to adjust the level. To the right of
each slider is a status display showing the current register
setting (in decimal) and the corresponding attenuation level
in decibels (dB) relative to the input signal level.
FIGURE 5. Start Up Window.
FIGURE 6. Attenuation Window.


Similar Part No. - SBAU012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SBAU175A TI1-SBAU175A Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
More results

Similar Description - SBAU012

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Texas Instruments
TLV320ALC23 TI-TLV320ALC23 Datasheet
1Mb / 47P
[Old version datasheet]   Evaluation Platform for the TLV320ALC23 Stereo Audio CODEC and TLV230DAC23 Stereo DAC
logo
Microchip Technology
MCP3903 MICROCHIP-MCP3903 Datasheet
1Mb / 54P
   Six Channel Delta Sigma A/D Converter
2011
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
   SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
logo
Analog Devices
HSC-ADC-EVALCZ AD-HSC-ADC-EVALCZ Datasheet
2Mb / 32P
   High Speed Converter Evaluation Platform
REV. 0
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Silicon Laboratories
SI477X-EVB SILABS-SI477X-EVB Datasheet
4Mb / 62P
   Complete antenna-to-audio evaluation system
logo
Analog Devices
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com