Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX823SEUK-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX823SEUK-T
Description  5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX823SEUK-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX823SEUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX823SEUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5-Pin Microprocessor Supervisory Circuits With
Watchdog Timer and Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.5V for MAX82_L, VCC = +4.5V to +5.5V for MAX82_M, VCC = +3.15V to +3.6V for MAX82_T, VCC = +3V
to +3.6V for MAX82_S, VCC = +2.7V to +3.6V for MAX82_R, VCC = +2.38V to +2.75V for MAX82_Z, VCC = +2.25V to +2.75V for
MAX82_Y, TA = TMIN to TMAX, TA = -40
°C to +85°C (SC70), TA = -40°C to +125°C (SOT23), unless otherwise noted. Typical values
are at TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ........................................................................-0.3V to +6.0V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Input Current, All Pins Except RESET and RESET..............20mA
Output Current, RESET, RESET ..........................................20mA
Continuous Power Dissipation (TA = +70
°C)
5-Pin SC70 (derate 3.1mW/
°C above +70°C)...............247mW
5-Pin SOT23 (derate 7.1mW/
°C above +70°C).............571mW
Operating Temperature Range
MAX82_EXK......................................................-40
°C to +85°C
MAX82_EUK ...................................................-40
°C to +125°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
MAX825T/S/R/Z/Y
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
4.56
4.63
4.70
Supply Current
(SOT23 Only)
ISUPPLY
38
µA
4.5
12
10
24
4.50
4.75
Operating Voltage Range
MAX825L/M
MAX823L/M
MAX824L/M
1.0
5.5
VCC
1.2
V
512
MAX823T/S/R/Z/Y
MAX824T/S/R/Z/Y
2.59
2.63
2.66
2.55
2.70
TA = TMIN to TMAX
TA = +25°C
MAX82_R
3.04
3.08
3.11
3.00
3.15
TA = TMIN to TMAX
TA = +25°C
MAX82_T
2.89
2.93
2.96
2.85
3.00
TA = TMIN to TMAX
TA = +25°C
CONDITIONS
MAX82_S
MR unconnected
TA = TMIN to TMAX
TA = +25°C
MAX82_L
4.31
4.38
4.45
TA = 0°C to +70°C
TA = TMIN to TMAX
4.25
4.50
WDI and MR
unconnected
TA = TMIN to TMAX
TA = +25°C
MAX82_M
MAX825T/S/R/Z/Y
Supply Current
(SC70 Only)
ISUPPLY
26
µA
38
617
MAX825L/M
MAX823L/M
MAX824L/M
412
MAX823T/S/R/Z/Y
MAX824T/S/R/Z/Y
MR unconnected
WDI and MR
unconnected
2.28
2.32
2.35
2.25
2.38
Reset Threshold
V
TA = TMIN to TMAX
TA = +25°C
MAX82_Z
(SC70 only)
2.16
2.19
2.22
2.13
2.25
TA = TMIN to TMAX
TA = +25°C
MAX82_Y
(SC70 only)
VRST


Similar Part No. - MAX823SEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823SEUK MAXIM-MAX823SEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
logo
Micrel Semiconductor
MAX823SEUK MICREL-MAX823SEUK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results

Similar Description - MAX823SEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com