Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2992ILDX-1.8 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2992ILDX-1.8
Description  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992ILDX-1.8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2992ILDX-1.8 Datasheet HTML 7Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 8Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 9Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 10Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 11Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 12Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 13Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 14Page - Texas Instruments LP2992ILDX-1.8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LP2992
www.ti.com
SNVS171G – NOVEMBER 2001 – REVISED MARCH 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP2992 requires external capacitors for regulator stability. These capacitors
must be correctly selected for good performance.
Input Capacitor
An input capacitor whose capacitance is
≥ 1 µF is required between the LP2992 input and ground (the amount of
capacitance may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failure due to surge current when connected to a low-
impedance source of power (like a battery or very large capacitor). If a Tantalum capacitor is used at the input, it
must be specified by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance will be
≥ 1 µF over the entire operating
temperature range.
Output Capacitor:
The LP2992 is designed specifically to work with ceramic output capacitors, utilizing circuitry which allows the
regulator to be stable across the entire range of output current with an output capacitor whose ESR is as low as
5 m
Ω. It may also be possible to use Tantalum or film capacitors at the output, but these are not as attractive for
reasons of size and cost (see next section, CAPACITOR CHARACTERISTICS).
The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR
(equivalent series resistance) value which is within the stable range. Curves are provided which show the stable
ESR range as a function of load current (see ESR graph below).
Important: The output capacitor must maintain its ESR within the stable region over the full operating
temperature range of the application to assure stability.
The LP2992 requires a minimum of 4.7 µF on the output (output capacitor size can be increased without limit).
It is important to remember that capacitor tolerance and variation with temperature must be taken into
consideration when selecting an output capacitor so that the minimum required amount of output capacitance is
provided over the full operating temperature range. It should be noted that ceramic capacitors can exhibit large
changes in capacitance with temperature (see next section, CAPACITOR CHARACTERISTICS).
The output capacitor must be located not more than 1 cm from the output pin and returned to a clean analog
ground.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP2992


Similar Part No. - LP2992ILDX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2992ILDX-1.8 NSC-LP2992ILDX-1.8 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
More results

Similar Description - LP2992ILDX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
[Old version datasheet]   LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
logo
National Semiconductor ...
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com