Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5951MG-2.0 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5951MG-2.0
Description  LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951MG-2.0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5951MG-2.0 Datasheet HTML 3Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 4Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 5Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 6Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 7Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 8Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 9Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 10Page - Texas Instruments LP5951MG-2.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
-80
-60
-40
-20
0
10
LP5951-3.3
VIN = 5.5V,
IL = 1 mA
VIN = 3.8V,
IL = 1 mA
VIN = 5.5V,
IL = 0 mA
VIN = 3.8V,
IL = 0 mA
18.0
20.0
22.0
24.0
26.0
34.0
36.0
38.0
40.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
32.0
30.0
28.0
LP5951-1.3
IL = 1 mA
TA = -40
oC
TA = 25
oC
TA = 125
oC
-40
120
TEMPERATURE (
oC)
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
100
80
60
40
20
-20
0
LP5951-1.3
IL = 1 mA
LP5951
www.ti.com
SNVS345F – JUNE 2006 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, CIN = 1µF ceramic, COUT = 1µF ceramic, VIN = VOUT(NOM) + 1V, TA = 25°C, Enable pin is tied to VIN.
Output Voltage Change
Ground Current
vs
vs
Temperature
VIN
Figure 9.
Figure 10.
Power Supply Rejection Ratio
Figure 11.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5951


Similar Part No. - LP5951MG-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951MF-1.3 NSC-LP5951MF-1.3 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-1.5 NSC-LP5951MF-1.5 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-1.8 NSC-LP5951MF-1.8 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-2.0 NSC-LP5951MF-2.0 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-2.5 NSC-LP5951MF-2.5 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP5951MG-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com