Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5951MFX-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5951MFX-3.3
Description  LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951MFX-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  LP5951MFX-3.3 Datasheet HTML 1Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 2Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 3Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 4Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 5Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 6Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 7Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 8Page - Texas Instruments LP5951MFX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Vin
2
GND
Vout
5
NC
4
3
EN
1
Vin
2
GND
Vout
5
NC
4
3
EN
LP5951
SNVS345F – JUNE 2006 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. 5-Lead SOT-23 Package – Top View
Figure 2. 5-Lead SC70 Package – Top View
See Package Number DBV
See Package Number DCK
PIN DESCRIPTIONS
Pin Number
Pin Name
Description
1
VIN
Input Voltage. Input range: 1.8V to 5.5V
2
GND
Ground
3
EN
Enable pin logic input: Low = shutdown, High = normal operation. This pin should not be left floating.
4
NC
No internal connection
5
VOUT
Regulated output voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN pin: Voltage to GND
-0.3V to 6.5V
EN pin: Voltage to GND
-0.3V to (VIN+0.3V) with 6.5V max
Continuous Power Dissipation(3)
Internally Limited
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
-65°C to + 150°C
Package Peak Reflow Temperature (10-20 sec.)
240°C
Package Peak Reflow Temperature (Pb-free, 10-20 sec.)
260°C
ESD Rating(4)
Human Body Model:
2.0kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.).
(4)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. (MIL-STD-883 3015.7)
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5951


Similar Part No. - LP5951MFX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951MFX-3.3 NSC-LP5951MFX-3.3 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP5951MFX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com