Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C50 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C50
Description  DIGITAL SIGNAL PROCESSORS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C50 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C50 Datasheet HTML 1Page - Texas Instruments TMS320C50 Datasheet HTML 2Page - Texas Instruments TMS320C50 Datasheet HTML 3Page - Texas Instruments TMS320C50 Datasheet HTML 4Page - Texas Instruments TMS320C50 Datasheet HTML 5Page - Texas Instruments TMS320C50 Datasheet HTML 6Page - Texas Instruments TMS320C50 Datasheet HTML 7Page - Texas Instruments TMS320C50 Datasheet HTML 8Page - Texas Instruments TMS320C50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Powerful 16-Bit TMS320C5x CPU
D 20-, 25-, 35-, and 50-ns Single-Cycle
Instruction Execution Time for 5-V
Operation
D 25-, 40-, and 50-ns Single-Cycle Instruction
Execution Time for 3-V Operation
D Single-Cycle 16 × 16-Bit Multiply/Add
D 224K × 16-Bit Maximum Addressable
External Memory Space (64K Program, 64K
Data, 64K I/O, and 32K Global)
D 2K, 4K, 8K, 16K, 32K × 16-Bit Single-Access
On-Chip Program ROM
D 1K, 3K, 6K, 9K × 16-Bit Single-Access
On-Chip Program / Data RAM (SARAM)
D 1K Dual-Access On-Chip Program/Data
RAM (DARAM)
D Full-Duplex Synchronous Serial Port for
Coder /Decoder Interface
D Time-Division-Multiplexed (TDM) Serial Port
D Hardware or Software Wait-State
Generation Capability
D On-Chip Timer for Control Operations
D Repeat Instructions for Efficient Use of
Program Space
D Buffered Serial Port
D Host Port Interface
D Multiple Phase-Locked Loop (PLL)
Clocking Options (
×1, ×2, ×3, ×4, ×5, ×9
Depending on Device)
D Block Moves for Data/Program
Management
D On-Chip Scan-Based Emulation Logic
D Boundary Scan
D Five Packaging Options
– 100-Pin Quad Flat Package (PJ Suffix)
– 100-Pin Thin Quad Flat Package
(PZ Suffix)
– 128-Pin Thin Quad Flat Package
(PBK Suffix)
– 132-Pin Quad Flat Package (PQ Suffix)
– 144-Pin Thin Quad Flat Package
(PGE Suffix)
D Low Power Dissipation and Power-Down
Modes:
– 47 mA (2.35 mA / MIP) at 5 V, 40-MHz
Clock (Average)
– 23 mA (1.15 mA / MIP) at 3 V, 40-MHz
Clock (Average)
– 10 mA at 5 V, 40-MHz Clock (IDLE1 Mode)
– 3 mA at 5 V, 40-MHz Clock (IDLE2 Mode)
– 5
µA at 5 V, Clocks Off (IDLE2 Mode)
D High-Performance Static CMOS Technology
D IEEE Standard 1149.1Test-Access Port
(JTAG)
description
The TMS320C5x generation of the Texas Instruments (TI
™) TMS320 digital signal processors (DSPs) is
fabricated with static CMOS integrated circuit technology; the architectural design is based upon that of an
earlier TI DSP, the TMS320C25. The combination of advanced Harvard architecture, on-chip peripherals,
on-chip memory, and a highly specialized instruction set is the basis of the operational flexibility and speed of
the ’C5xdevices. They execute up to 50 million instructions per second (MIPS).
The ’C5x devices offer these advantages:
D Enhanced TMS320 architectural design for increased performance and versatility
D Modular architectural design for fast development of spin-off devices
D Advanced integrated-circuit processing technology for increased performance
D Upward-compatible source code (source code for ’C1x and ’C2x DSPs is upward compatible with ’C5x DSPs.)
D Enhanced TMS320 instruction set for faster algorithms and for optimized high-level language operation
D New static-design techniques for minimizing power consumption and maximizing radiation tolerance
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated
TI is a trademark of Texas Instruments Incorporated.
† IEEE Standard 1149.1–1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture
‡ References to ’C5x in this document include both TMS320C5x and TMS320LC5x devices unless specified otherwise.


Similar Part No. - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C50 TI-TMS320C50 Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI-TMS320C50 Datasheet
1Mb / 87P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI1-TMS320C50 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE TI-TMS320C50PGE Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE TI1-TMS320C50PGE Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com