Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62065DSGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065DSGR
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62065DSGR Datasheet(HTML) 1 Page - Texas Instruments

  TLV62065DSGR Datasheet HTML 1Page - Texas Instruments TLV62065DSGR Datasheet HTML 2Page - Texas Instruments TLV62065DSGR Datasheet HTML 3Page - Texas Instruments TLV62065DSGR Datasheet HTML 4Page - Texas Instruments TLV62065DSGR Datasheet HTML 5Page - Texas Instruments TLV62065DSGR Datasheet HTML 6Page - Texas Instruments TLV62065DSGR Datasheet HTML 7Page - Texas Instruments TLV62065DSGR Datasheet HTML 8Page - Texas Instruments TLV62065DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I - Load Current - A
L
V
= 4.2 V
IN
V
= 5 V
IN
V
= 3.7 V
IN
L = 1.2 H (NRG4026T 1R2),
C
= 22 F (0603 size),
V
= 3.3 V,
Mode: Auto PFM/PWM
m
m
OUT
OUT
TYPICAL APPLICATION CIRCUIT
L
1.0 H
m
C
10 F
OUT
m
V
= 2.9 V to 5.5 V
IN
C
22 pF
ff
R
180 k
2
W
R
360 k
1
W
C
10
IN
mF
PVIN
PGND
EN
FB
TLV62065
SW
AVIN
AGND
V
1.8 V 2 A
OUT
MODE
TLV62065
www.ti.com
SLVSAC4A – NOVEMBER 2010 – REVISED JULY 2012
3-MHz 2A Step Down Converter in 2x2 SON Package
Check for Samples: TLV62065
1
FEATURES
DESCRIPTION
2
VIN Range from 2.9V to 5.5V
The TLV62065 is a high efficient synchronous step
Up to 97% Efficiency
down DC-DC converter. It provides up to 2.0A output
Power Save Mode / 3MHz Fixed PWM Mode
current.
Output Voltage Accuracy in PWM Mode ±2.0%
With an input voltage range of 2.9V to 5.5V the
Output Capacitor Discharge Function
device is a perfect fit for power conversion from a 5V
or 3.3V system supply rail. The TLV62065 operates
Typical 18 µA Quiescent Current
at 3MHz fixed frequency and enters Power Save
100% Duty Cycle for Lowest Dropout
Mode operation at light load currents to maintain high
For Improved Feature Set See TPS62065
efficiency over the entire load current range. For low
noise applications, TLV62065 can be forced into fixed
Available in a 2x2x0.75mm SON
frequency PWM mode by pulling the MODE pin high.
APPLICATIONS
In the shutdown mode, the current consumption is
reduced to less than 1µA and an internal circuit
Point Of Load (POL)
discharges the output capacitor.
Notebooks, Pocket PCs
TLV62065 operates with a 1.0µH inductor and 10µF
Portable Media Players
output capacitor.
Set Top Box
The TLV62065 is available in a small 2x2x0.75mm 8-
pin SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV62065DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065DSGR TI1-TLV62065DSGR Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065DSGR TI1-TLV62065DSGR Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results

Similar Description - TLV62065DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com