Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59116IRHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116IRHBR
Description  16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116IRHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC59116IRHBR Datasheet HTML 3Page - Texas Instruments TLC59116IRHBR Datasheet HTML 4Page - Texas Instruments TLC59116IRHBR Datasheet HTML 5Page - Texas Instruments TLC59116IRHBR Datasheet HTML 6Page - Texas Instruments TLC59116IRHBR Datasheet HTML 7Page - Texas Instruments TLC59116IRHBR Datasheet HTML 8Page - Texas Instruments TLC59116IRHBR Datasheet HTML 9Page - Texas Instruments TLC59116IRHBR Datasheet HTML 10Page - Texas Instruments TLC59116IRHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TLC59116
www.ti.com
SLDS157D
– FEBRUARY 2008 – REVISED JULY 2011
TIMING REQUIREMENTS
TA = –40°C to 85°C
STANDARD MODE
FAST MODE
FAST MODE PLUS
I2C BUS
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
I2C Interface
fSCL
SCL clock frequency(1)
0
100
0
400
0
1000
kHz
I2C bus free time between Stop and
tBUF
4.7
1.3
0.5
μs
Start conditions
tHD;STA
Hold time (repeated) Start condition
4
0.6
0.26
μs
Setup time for a repeated Start
tSU;STA
4.7
0.6
0.26
μs
condition
tSU;STO
Setup time for Stop condition
4
0.6
0.26
μs
tHD;DAT
Data hold time
0
0
0
ns
tVD;ACK
Data valid acknowledge time(2)
0.3
3.45
0.1
0.9
0.05
0.45
μs
tVD;DAT
Data valid time(3)
0.3
3.45
0.1
0.9
0.05
0.45
μs
tSU;DAT
Data setup time
250
100
50
ns
tLOW
Low period of SCL clock
4.7
1.3
0.5
μs
tHIGH
High period of SCL clock
4
0.6
0.26
μs
Fall time of both SDA and SCL
tf
300 20+0.1Cb
(6)
300
120
ns
signals(4) (5)
Rise time of both SDA and SCL
tr
1000 20+0.1Cb
(6)
300
120
ns
signals
Pulse width of spikes that must be
tSP
50
50
50
ns
suppressed by the input filter(7)
Reset
tW
Reset pulse width
10
10
10
ns
tREC
Reset recovery time
0
0
0
ns
tRESET
Time to reset(8) (9)
400
400
400
ns
(1)
Minimum SCL clock frequency is limited by the bus time-out feature, which resets the serial bus interface if either SDA or SCL is held
low for a minimum of 25 ms. Disable bus time-out feature for dc operation.
(2)
tVD;ACK = time for ACK signal from SCL low to SDA (out) low.
(3)
tVD;DAT = minimum time for SDA data out to be valid following SCL low.
(4)
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region of the SCL falling edge.
(5)
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time (tf) for the SDA output stage is specified
at 250 ns. This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines
without exceeding the maximum specified tf.
(6)
Cb = Total capacitance of one bus line in pF
(7)
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.
(8)
Resetting the device while actively communicating on the bus may cause glitches or errant Stop conditions.
(9)
Upon reset, the full delay will be the sum of tRESET and the RC time constant of the SDA bus.
Copyright
© 2008–2011, Texas Instruments Incorporated
7


Similar Part No. - TLC59116IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116IPWR TI-TLC59116IPWR Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI-TLC59116IPWR Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116ITPWRQ1 TI1-TLC59116ITPWRQ1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
More results

Similar Description - TLC59116IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
[Old version datasheet]   8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9952Q900 PHILIPS-PCA9952Q900 Datasheet
1Mb / 45P
   16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Rev. 1-26 April 2013
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com