Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59116IRHBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116IRHBR
Description  16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116IRHBR Datasheet(HTML) 2 Page - Texas Instruments

  TLC59116IRHBR Datasheet HTML 1Page - Texas Instruments TLC59116IRHBR Datasheet HTML 2Page - Texas Instruments TLC59116IRHBR Datasheet HTML 3Page - Texas Instruments TLC59116IRHBR Datasheet HTML 4Page - Texas Instruments TLC59116IRHBR Datasheet HTML 5Page - Texas Instruments TLC59116IRHBR Datasheet HTML 6Page - Texas Instruments TLC59116IRHBR Datasheet HTML 7Page - Texas Instruments TLC59116IRHBR Datasheet HTML 8Page - Texas Instruments TLC59116IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
I C Bus Control
2
OUT0
OUT1
OUT14 OUT15
REXT
I/O Regulator
Output Driver and Error Detection
LED State
Select Register
97 kHz
GRPFRQ
Register
24.3 kHz
190 kHz
PWM Register X
Brightness Control
25-MHz
Oscillator
Power-On
Reset Control
Input Filter
SCL
SDA
A0 A1 A2 A3
RESET
V
CC
GND
0 = Permanently off
1 = Permanently on
GRPPWM
Register
TLC59116
SLDS157D
– FEBRUARY 2008 – REVISED JULY 2011
www.ti.com
Software programmable LED Group and three Sub Call I2C-bus addresses allow all or defined groups of
TLC59116 devices to respond to a common I2C-bus address, allowing for example, all the same color LEDs to
be turned on or off at the same time or marquee chasing effect, thus minimizing I2C-bus commands.
Four hardware address pins allow up to 14 devices on the same bus.
The Software Reset (SWRST) Call allows the master to perform a reset of the TLC59116 through the I2C-bus,
identical to the Power-On Reset (POR) that initializes the registers to their default state causing the outputs to be
set high (LED off). This allows an easy and quick way to reconfigure all device registers to the same condition.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TSSOP
– PW
TLC59116IPWR
Y59116
–40°C to 85°C
Reel of 2000
QFN
– RHB
TLC59116IRHBR
Y59116
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
BLOCK DIAGRAM
2
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - TLC59116IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116IPWR TI-TLC59116IPWR Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI-TLC59116IPWR Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116ITPWRQ1 TI1-TLC59116ITPWRQ1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
More results

Similar Description - TLC59116IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
   16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
[Old version datasheet]   8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9952Q900 PHILIPS-PCA9952Q900 Datasheet
1Mb / 45P
   16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Rev. 1-26 April 2013
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com