Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7660IM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7660IM
Description  LMC7660 Switched Capacitor Voltage Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7660IM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC7660IM Datasheet HTML 3Page - Texas Instruments LMC7660IM Datasheet HTML 4Page - Texas Instruments LMC7660IM Datasheet HTML 5Page - Texas Instruments LMC7660IM Datasheet HTML 6Page - Texas Instruments LMC7660IM Datasheet HTML 7Page - Texas Instruments LMC7660IM Datasheet HTML 8Page - Texas Instruments LMC7660IM Datasheet HTML 9Page - Texas Instruments LMC7660IM Datasheet HTML 10Page - Texas Instruments LMC7660IM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LMC7660
www.ti.com
SNOSBZ9C – APRIL 1997 – REVISED APRIL 2013
Figure 11. Idealized Voltage Converter
TYPICAL APPLICATIONS
CHANGING OSCILLATOR FREQUENCY
It is possible to dramatically reduce the quiescent operating current of the LMC7660 by lowering the oscillator
frequency. The oscillator frequency can be lowered from a nominal 10 kHz to several hundred hertz, by adding a
slow-down capacitor Cosc (Figure 12). As shown in the Typical Performance Curves the supply current can be
lowered to the 10
μA range. This low current drain can be extremely useful when used in μPower and battery
back-up equipment. It must be understood that the lower operating frequency and supply current cause an
increased impedance of Cr and Cp. The increased impedance, due to a lower switching rate, can be offset by
raising Cr and Cp until ripple and load current requirements are met.
SYNCHRONIZING TO AN EXTERNAL CLOCK
Figure 13 shows an LMC7660 synchronized to an external clock. The CMOS gate overrides the internal oscillator
when it is necessary to switch faster or reduce power supply interference. The external clock still passes through
the ÷2 circuit in the 7660, so the pumping frequency will be ½ the external clock frequency.
Figure 12. Reduce Supply Current by Lowering Oscillator Frequency
Figure 13. Synchronizing to an External Clock
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC7660


Similar Part No. - LMC7660IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7660IM NSC-LMC7660IM Datasheet
134Kb / 12P
   Switched Capacitor Voltage Converter
More results

Similar Description - LMC7660IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7660 TI-LMC7660_15 Datasheet
1Mb / 19P
[Old version datasheet]   LMC7660 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com