Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE4041DFTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXRE4041DFTA
Description  SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE4041DFTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXRE4041DFTA Datasheet HTML 1Page - Diodes Incorporated ZXRE4041DFTA Datasheet HTML 2Page - Diodes Incorporated ZXRE4041DFTA Datasheet HTML 3Page - Diodes Incorporated ZXRE4041DFTA Datasheet HTML 4Page - Diodes Incorporated ZXRE4041DFTA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZXRE4041
ZXRE4041
Document number: DS32169 Rev. 6 - 2
3 of 5
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics


Similar Part No. - ZXRE4041DFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE4041DF ZETEX-ZXRE4041DF Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041DF DIODES-ZXRE4041DF Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
More results

Similar Description - ZXRE4041DFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
   1.225V MICROPOWER VOLTAGE REFERENCE
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
   1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
   1.225V micropower shunt voltage reference
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
   1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
   1.225V Precision micropower shunt voltage reference
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
   SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com