Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26480 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM26480
Description  Compatible with Advanced Applications Processors and FPGAs, 2 LDOs for Powering Internal Processor Functions and I/Os
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26480 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM26480 Datasheet HTML 7Page - Texas Instruments LM26480 Datasheet HTML 8Page - Texas Instruments LM26480 Datasheet HTML 9Page - Texas Instruments LM26480 Datasheet HTML 10Page - Texas Instruments LM26480 Datasheet HTML 11Page - Texas Instruments LM26480 Datasheet HTML 12Page - Texas Instruments LM26480 Datasheet HTML 13Page - Texas Instruments LM26480 Datasheet HTML 14Page - Texas Instruments LM26480 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
SUPPLY VOLTAGE (V)
2.10
2.09
2.08
2.07
2.06
2.05
2.04
2.03
2.02
2.01
2.00
3.0
3.5
4.0
4.5
5.0
5.5
LOAD = 750 mA
LOAD = 1.5A
LOAD = 20 mA
SUPPLY VOLTAGE (V)
3.090
3.080
3.070
3.060
3.050
3.040
4.0
4.3
4.6
4.9
5.2
5.5
LOAD = 750 mA
LOAD = 1.5A
LOAD = 20 mA
SHUTDOWN CURRENT (nA)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
100
VIN = 3.6V
VIN = 5.5V
VIN = 2.8V
SUPPLY VOLTAGE (V)
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
2.5
3.0
3.5
4.0
4.5
5.0
5.5
LOAD = 750 mA
LOAD = 1.5A
LOAD = 20 mA
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Typical Performance Characteristics — Buck
VIN = 2.8V to 5.5V, TA = 25°C
Output Voltage
Shutdown Current
vs.
vs.
Supply Voltage
Temp
(VOUT = 1.2V)
Figure 11.
Figure 12.
Output Voltage
Output Voltage
vs.
vs.
Supply Voltage
Supply Voltage
(VOUT = 2.0V)
(VOUT = 3.0V)
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26480


Similar Part No. - LM26480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480QSQ-AA/NOPB TI1-LM26480QSQ-AA/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480QSQ-AA/NOPB TI1-LM26480QSQ-AA/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
More results

Similar Description - LM26480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003MRHLREP TI-TPS75003MRHLREP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003RHLT TI-TPS75003RHLT Datasheet
1,000Kb / 31P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
Maxim Integrated Produc...
MAX8967 MAXIM-MAX8967 Datasheet
3Mb / 59P
   Dual 2A Step-Down Converters with 6 LDOs for Baseband and Applications Processor
Rev 0; 12/12
logo
Texas Instruments
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com