Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5574 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  LM5574-Q1 is an Automotive Grade Product that is AEC-Q100 Grade 1 Qualified (??0째C to 125째C Operating Junction Temperature)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5574 Datasheet(HTML) 3 Page - Texas Instruments

  LM5574 Datasheet HTML 1Page - Texas Instruments LM5574 Datasheet HTML 2Page - Texas Instruments LM5574 Datasheet HTML 3Page - Texas Instruments LM5574 Datasheet HTML 4Page - Texas Instruments LM5574 Datasheet HTML 5Page - Texas Instruments LM5574 Datasheet HTML 6Page - Texas Instruments LM5574 Datasheet HTML 7Page - Texas Instruments LM5574 Datasheet HTML 8Page - Texas Instruments LM5574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM5574, LM5574-Q1
www.ti.com
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
Pin(s)
Name
Description
Application Information
15
PRE
Pre-charge assist for the bootstrap
This open drain output can be connected to SW pin to aid
capacitor
charging the bootstrap capacitor during very light load conditions
or in applications where the output may be pre-charged before
the LM5574 is enabled. An internal pre-charge MOSFET is
turned on for 250ns each cycle just prior to the on-time interval
of the buck switch.
16
BST
Boost input for bootstrap capacitor
An external capacitor is required between the BST and the SW
pins. A 0.022µF ceramic capacitor is recommended. The
capacitor is charged from Vcc via an internal diode during the
off-time of the buck switch.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
76V
BST to GND
90V
PRE to GND
76V
SW to GND (Steady State)
-1.5V
BST to VCC
76V
SD, VCC to GND
14V
BST to SW
14V
OUT to GND
Limited to Vin
SYNC, SS, FB, RAMP to GND
7V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN
6V to 75V
Operation Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5574 LM5574-Q1


Similar Part No. - LM5574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI-LM5574 Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574 Datasheet
966Kb / 29P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM5574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2830 TI-LM2830 Datasheet
1Mb / 33P
[Old version datasheet]   LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
logo
Broadcom Corporation.
ACPL-K71T BOARDCOM-ACPL-K71T Datasheet
870Kb / 16P
   Qualified to AEC-Q100 Grade 1 Test Guidelines
ACPL-31JT BOARDCOM-ACPL-31JT Datasheet
1Mb / 23P
   Qualified to AEC-Q100 Grade 1 test guidelines
ACFL-6211T BOARDCOM-ACFL-6211T Datasheet
477Kb / 13P
   Qualified to AEC Q100 Grade 1 Test Guidelines
logo
Monolithic Power System...
MPQ8904-AEC1 MPS-MPQ8904-AEC1 Datasheet
879Kb / 12P
   Industrial/Automotive-Grade 500mA Linear Regulator AEC-Q100 Qualified
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
   Automotive AEC-Q100 qualified
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
   Automotive AEC-Q100 qualified
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com