Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2595SX-3.3 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2595SX-3.3
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595SX-3.3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2595SX-3.3 Datasheet HTML 6Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 7Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 8Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 9Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 10Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 11Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 12Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 13Page - Texas Instruments LM2595SX-3.3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LM2595
SNVS122B – MAY 1999 – REVISED APRIL 2013
www.ti.com
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
CIN—120 μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT—120 μF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1—3A, 40V Schottky Rectifier, 1N5822
L1—100
μH, L29
Adjustable Output Voltage Versions
CIN—120 μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT—120 μF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1—3A, 40V Schottky Rectifier, 1N5822
L1—100
μH, L29
R1—1 kΩ, 1%
CFF—See Application Information Section
Figure 21. Standard Test Circuits and Layout Guides
Standard Test Circuits and Layout Guides
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance can generate voltage transients which can cause problems. For minimal inductance and ground
loops, the wires indicated by heavy lines should be wide printed circuit traces and should be kept as short
as possible. For best results, external components should be located as close to the switcher lC as possible
using ground plane construction or single point grounding.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2595


Similar Part No. - LM2595SX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595SX-3.3/NOPB TI1-LM2595SX-3.3/NOPB Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results

Similar Description - LM2595SX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com