Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27X00-TESTER Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ27X00-TESTER
Description  SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27X00-TESTER Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27X00-TESTER Datasheet HTML 3Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 4Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 5Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 6Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 7Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 8Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 9Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 10Page - Texas Instruments BQ27X00-TESTER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Bandgap,
Reference
and Bias
Temperature
Compensated
Precision Oscillator
Clock
Generator
EEPROM
RAM
SCPU
System I/O
and Control
Temperature
Sensor
ADC
2
VCC
8
SRP
7
SRN
6
BAT
5
HDQ
9
GPIO
1
RBI
3
VSS
bq27000
10 RGM
Autocalibration
and
Autocompensating
Coulomb Counter
UDG−03040
UDG−04123
Bandgap,
Reference
and Bias
Autocalibration and
Autocompensating
Coulomb Counter
Temperature
Compensated
Precision Oscillator
Clock
Generator
EEPROM
RAM
SCPU
System I/O
and Control
Temperature
Sensor
ADC
2
VCC
8
SRP
7
SRN
6
BAT
4
SCL
9
GPIO
1
RBI
3
VSS
bq27200
5
SDA
10 RGM
FUNCTIONAL DESCRIPTION
bq27000, bq27200
SLUS556D – SEPTEMBER 2004 – REVISED MARCH 2006
The bqJUNIOR determines battery capacity by monitoring the amount of charge input to or removed from a
Li-Ion or Li-Pol battery. The bqJUNIOR measures discharge and charge currents, monitors the battery for low
voltage thresholds, and compensates for self-discharge, aging, temperature, and discharge rate. Current is
measured across a small value series resistor between the negative terminal of the battery and the pack ground
(see RS in Figure 3). Available capacity is reported with a resolution of 3.57 µVh. Time-To-Empty reporting in
minutes at standby, peak, actual, and at-rate currents allows the requirements for host-based calculations to be
greatly reduced or eliminated; reading a single register pair provides useful and meaningful information to the
end user of the application.
7
Submit Documentation Feedback


Similar Part No. - BQ27X00-TESTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000DRKR TI-BQ27000DRKR Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000DRKR TI-BQ27000DRKR Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27X00-TESTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com