Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2727 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2727
Description  input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2727 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2727 Datasheet HTML 5Page - Texas Instruments LM2727 Datasheet HTML 6Page - Texas Instruments LM2727 Datasheet HTML 7Page - Texas Instruments LM2727 Datasheet HTML 8Page - Texas Instruments LM2727 Datasheet HTML 9Page - Texas Instruments LM2727 Datasheet HTML 10Page - Texas Instruments LM2727 Datasheet HTML 11Page - Texas Instruments LM2727 Datasheet HTML 12Page - Texas Instruments LM2727 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
BG =
0.6V
50PA
10PA
OUTPUT CLAMP
HI: 3.25V
LO: 1.25V
3.25V
1.25V
SYNCHRONOUS
DRIVER LOGIC
10Ps
DELAY
0.708V
tol.=+/-2%
0.42V
tol.=+/-2%
hyst.=12%
SHUT
DOWN
LATCH
CLOCK &
RAMP
LOGIC
S
R
off
oc
UVLO
SD
FREQ
Vcc
PGND
SGND
FB
EAO
BOOT
HG
LG
ISEN
PWGD
SS
PGND
95P$
oc
20PA
EA
HIGH
LOW
PWM
ILIM
3.05V
SS
CMP
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Block Diagram
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2727 LM2737


Similar Part No. - LM2727

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI1-LM2727 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727MTC TI-LM2727MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
More results

Similar Description - LM2727

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
   Output Voltage Range: 0.6V to VIN
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
Lowpower Semiconductor ...
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
   Output Voltage Range: 0.6V to VIN
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
   Output Voltage Range: 0.6V to VIN
logo
Allegro MicroSystems
A8586 ALLEGRO-A8586 Datasheet
813Kb / 19P
   Output voltage adjustable from 0.8 to 30 V
logo
Maxim Integrated Produc...
MAX20812EVKIT MAXIM-MAX20812EVKIT Datasheet
2Mb / 19P
   2.7V to 16V Input Voltage Range
Rev 1; 3/21
logo
Rohm
BP5450 ROHM-BP5450 Datasheet
1Mb / 8P
   8V to 16V Input , 1.5 to 5V/1.2A output
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
logo
Maxim Integrated Produc...
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
   Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com