Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN5R003HTR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN5R003HTR-E
Description  3 m廓 reverse battery protection switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5R003HTR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN5R003HTR-E Datasheet HTML 4Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 5Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 6Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 7Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 8Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 9Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 10Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 11Page - STMicroelectronics VN5R003HTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
VN5R003H-E
8/20
Doc ID 17602 Rev. 5
2.2
Thermal data
2.3
Electrical characteristics
Table 4.
Thermal data
Symbol
Parameter
Max.
Unit
Rthj-case Thermal resistance junction-case
0.5
°C/W
Rthj-amb
Thermal resistance junction-ambient (mounted on FR4
using 6 cm2 copper pad)
42
°C/W
Table 5.
Power section for reverse battery mode(1)
1.
Operating conditions: 40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VS
Operating supply voltage
-16
13
28
V
VCLPDS
Drain-Source clamp
voltage
VD = 0 V, IN open, IS = -5 A
17
23
V
VCLPDIN
Drain input clamp
voltage
VIN =0 V, ID =20 mA
41
52
V
VF
Source drain voltage
IN = open, IS = 10 A; Tj = 25°C
0.85
V
RON
On state resistance
between SOURCE and
Drain terminals
IS = 10 A; Tj =25°C;
8V < VCC <28 V
3
m
Ω
IS = 10 A; Tj = 150°C;
8V < VCC <28 V
5.5
IIN
Input current
VS = 13 V , VIN = 0 V
2
3
mA
IIN(REV)
Reverse input current
VS = -16 V, VIN = 0 V
-2
0
mA
IOUT_rev Output reverse current
VS = -16 V, VD = 0 V, IN open
-1.5
-0.5
mA


Similar Part No. - VN5R003HTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN5R003HTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
   Reverse battery protection
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
   Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
   Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
   Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
   Reverse battery protection
SK110 SMC-SK110 Datasheet
193Kb / 6P
   Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com