Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1210T-6I Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1210T-6I
Description  Entry level Snubberless?? logic level and standard 12 A TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1210T-6I Datasheet(HTML) 1 Page - STMicroelectronics

  T1210T-6I Datasheet HTML 1Page - STMicroelectronics T1210T-6I Datasheet HTML 2Page - STMicroelectronics T1210T-6I Datasheet HTML 3Page - STMicroelectronics T1210T-6I Datasheet HTML 4Page - STMicroelectronics T1210T-6I Datasheet HTML 5Page - STMicroelectronics T1210T-6I Datasheet HTML 6Page - STMicroelectronics T1210T-6I Datasheet HTML 7Page - STMicroelectronics T1210T-6I Datasheet HTML 8Page - STMicroelectronics T1210T-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2009
Rev 1
1/9
9
T1210T-6I, T1220T-6I
T1225T-6I, T1235T-6I
Entry level Snubberless™, logic level and standard 12 A TRIACs
Features
Medium current TRIAC
High static and dynamic commutation
Low thermal resistance with clip bonding
Packages is RoHS (2002/95/EC) compliant
VRM = 600 V
Insulated packaged rated at 2500 V rms
Applications
Entry-level and value-sensitive applications
General purpose AC line load switching
Motor control circuits in power tools
Small home appliances, lighting
Inrush current limiting circuits
Overvoltage crowbar protection
Description
Available in through-hole, the T12T series of
TRIACs can be used as on/off or phase angle
control function in general purpose AC switching
where high commutation capability is required.
Initially planned for power tools (T series)
equipment, this series can be used in many value
sensitive appliances thanks to the guidance on
parameters provided in the following pages.
TM: Snubberless is a trademark of STMicroelectronics
Table 1.
Device summary
Order code
Symbol
Value
T1220T-6I
T1235T-6I
IGT 3Q
Snubberless
20 / 35 mA
T1225T-6I
IGT 4Q
standard
25 mA
T1210T-6I
IGT 3Q
logic level
10 mA
A2
G
A1
G
A2
A1
TO-220AB insulated
(T12xxT-6I)
www.st.com


Similar Part No. - T1210T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
logo
Inchange Semiconductor ...
T1210T-6I ISC-T1210T-6I Datasheet
250Kb / 1P
   isc Triacs
More results

Similar Description - T1210T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_07 Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com