Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACST1235-7T Datasheet(PDF) 11 Page - STMicroelectronics

Part # ACST1235-7T
Description  Overvoltage protected AC switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-7T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ACST1235-7T Datasheet HTML 5Page - STMicroelectronics ACST1235-7T Datasheet HTML 6Page - STMicroelectronics ACST1235-7T Datasheet HTML 7Page - STMicroelectronics ACST1235-7T Datasheet HTML 8Page - STMicroelectronics ACST1235-7T Datasheet HTML 9Page - STMicroelectronics ACST1235-7T Datasheet HTML 10Page - STMicroelectronics ACST1235-7T Datasheet HTML 11Page - STMicroelectronics ACST1235-7T Datasheet HTML 12Page - STMicroelectronics ACST1235-7T Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ACST12
Package information
Doc ID 15238 Rev 4
11/13
Figure 21.
Footprint (dimensions in mm)
Table 7.
D2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - ACST1235-7T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST1235-7T STMICROELECTRONICS-ACST1235-7T Datasheet
163Kb / 13P
   Overvoltage protected AC switch
More results

Similar Description - ACST1235-7T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
   Overvoltage protected AC switch
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST210-8FP STMICROELECTRONICS-ACST210-8FP Datasheet
170Kb / 13P
   Overvoltage protected AC switch
ACST310-8B STMICROELECTRONICS-ACST310-8B Datasheet
317Kb / 14P
   Overvoltage protected AC switch
ACST210-8BTR STMICROELECTRONICS-ACST210-8BTR Datasheet
289Kb / 13P
   Overvoltage protected AC switch
May 2014 Rev 4
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST6 STMICROELECTRONICS-ACST6_09 Datasheet
184Kb / 15P
   Overvoltage protected AC switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com