Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC174
Description  HEX D-TYPE ELIP-FLOPS WITH CLEAR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC174 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC174 Datasheet HTML 1Page - Texas Instruments SN54HC174 Datasheet HTML 2Page - Texas Instruments SN54HC174 Datasheet HTML 3Page - Texas Instruments SN54HC174 Datasheet HTML 4Page - Texas Instruments SN54HC174 Datasheet HTML 5Page - Texas Instruments SN54HC174 Datasheet HTML 6Page - Texas Instruments SN54HC174 Datasheet HTML 7Page - Texas Instruments SN54HC174 Datasheet HTML 8Page - Texas Instruments SN54HC174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54HC174, SN74HC174
HEX DTYPE FLIPFLOPS
WITH CLEAR
SCLS119D − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Contain Six Flip-Flops With Single-Rail
Outputs
D Applications Include:
− Buffer/Storage Registers
− Shift Registers
− Pattern Generators
description/ordering information
These positive-edge-triggered D-type flip-flops
have a direct clear (CLR) input.
Information at the data (D) inputs meeting the
setup time requirements is transferred to the
outputs on the positive-going edge of the clock
(CLK) pulse. Clock triggering occurs at a
particular voltage level and is not directly related
to the transition time of the positive-going edge of
CLK. When CLK is at either the high or low level,
the D input has no effect at the output.
ORDERING INFORMATION
TA
PACKAGE†
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC174N
SN74HC174N
Tube of 40
SN74HC174D
SOIC − D
Reel of 2500
SN74HC174DR
HC174
SOIC − D
Reel of 250
SN74HC174DT
HC174
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC174NSR
HC174
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC174DBR
HC174
Tube of 90
SN74HC174PW
TSSOP − PW
Reel of 2000
SN74HC174PWR
HC174
TSSOP − PW
Reel of 250
SN74HC174PWT
HC174
CDIP − J
Tube of 25
SNJ54HC174J
SNJ54HC174J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC174W
SNJ54HC174W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC174FK
SNJ54HC174FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC174 ...J OR W PACKAGE
SN74HC174 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6D
5D
NC
5Q
4D
1D
2D
NC
2Q
3D
SN54HC174...FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
NC − No internal connection
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI1-SN54HC174 Datasheet
1Mb / 21P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174FK TI-SN54HC174FK Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174FK TI1-SN54HC174FK Datasheet
1Mb / 21P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174J TI-SN54HC174J Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com