Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH125 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS3VH125
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH125 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS3VH125_13 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH125_13 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH125
2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) SupplyVoltage to Ground
–0.5 to +4.6
V
VTERM(3) DC Switch Voltage VS
–0.5 to +5.5
V
VTERM(3) DC Input Voltage VIN
–0.5 to +5.5
V
VAC
AC Input Voltage (pulse width
≤20ns)
–3
V
IOUT
DC Output Current (max. sink current/pin)
120
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC .
Symbol
Parameter(1)
Typ.
Max.
Unit
CIN
Control Inputs
3
5
pF
CI/O
Quickswitch Channels (Switch OFF)
4
6
pF
CI/O
Quickswitch Channels (Switch ON)
8
12
pF
CAPACITANCE (TA = +25°C, F = 1MHz, VIN = 0V, VOUT =
0V)
NOTE:
1. This parameter is guaranteed but not production tested.
Pin Names
I/O
Description
1A - 4A
I/O
Bus A
1Y - 4Y
I/O
Bus Y
1OE - 4OE
I
Output Enable
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
OE
A
Y
Function
L
H
H
Connect
L
L
L
Connect
H
X
X
Disconnect
FUNCTION TABLE(1)
QSOP
TOP VIEW
SOIC
TOP VIEW
NC
VCC
1OE
4OE
1A
4A
1Y
4Y
2OE
3OE
2A
3A
2Y
3Y
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCC
1OE
4OE
1A
4A
1Y
4Y
2OE
3OE
2A
3A
2Y
3Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
GND


Similar Part No. - IDTQS3VH125_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH125S1 IDT-IDTQS3VH125S1 Datasheet
78Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
IDTQS3VH125S1G IDT-IDTQS3VH125S1G Datasheet
78Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH125_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH125 IDT-IDTQS3VH125 Datasheet
78Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH125 RENESAS-IDTQS3VH125 Datasheet
436Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH126 IDT-IDTQS3VH126 Datasheet
57Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
IDTQS3VH126 IDT-IDTQS3VH126_13 Datasheet
256Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
logo
Renesas Technology Corp
IDTQS3VH126 RENESAS-IDTQS3VH126 Datasheet
435Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V QUAD ACTIVE HIGH, HIGH BANDWIDTH SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com