Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS810001-21 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS810001-21
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810001-21 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS810001-21 Datasheet HTML 1Page - Integrated Device Technology ICS810001-21 Datasheet HTML 2Page - Integrated Device Technology ICS810001-21 Datasheet HTML 3Page - Integrated Device Technology ICS810001-21 Datasheet HTML 4Page - Integrated Device Technology ICS810001-21 Datasheet HTML 5Page - Integrated Device Technology ICS810001-21 Datasheet HTML 6Page - Integrated Device Technology ICS810001-21 Datasheet HTML 7Page - Integrated Device Technology ICS810001-21 Datasheet HTML 8Page - Integrated Device Technology ICS810001-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
5
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Table 3B. Input Frequency Table
Table 3C. Output Frequency Table (dual PLL Mode)
NOTE: Use the VCXO-PLL mode to achieve output Frequencies of 27MHz or 26.973MHz. See Table 3H.
Input
Crystal Frequency (fVCXO)
V3
V2
V1
V0
27MHz
26.973MHz
0 (default)
0 (default)
0 (default)
0 (default)
27.0000MHz
26.9730MHz
0
0
0
1
27.0270MHz
27.0000MHz
0
0
1
0
74.1758MHz
74.1016MHz
0
0
1
1
74.3243MHz
74.2499MHz
0
1
0
0
74.2500MHz
74.1758MHz
0
1
0
1
27.0000MHz
26.9730MHz
0
1
1
0
27.0270MHz
27.0000MHz
0
1
1
1
26.9730MHz
26.9461MHz
1
0
0
0
74.1758MHz
74.1016MHz
1
0
0
1
74.2500MHz
74.1758MHz
1
0
1
0
27.0000MHz
26.9730MHz
1
0
1
1
45.0000kHz
44.9550kHz
1
1
0
0
33.7500kHz
33.7163kHz
1
1
0
1
15.6250kHz
15.6094kHz
1
1
1
0
15.7343kHz
15.7185kHz
1
1
1
1
28.1250kHz
28.0969kHz
fVCXO
FemtoClock Look-up Table
Output Frequency fQ (MHz)
MF
N1
N0
27MHz
0
0
0
148.5000
0
0
1
74.2500
0
1
0
49.5000
0
1
1
33.0000
1
0
0
162.0000
1
0
1
81.0000
1
1
0
54.0000
1
1
1
36.0000
26.973MHz
0
0
0
148.3515
0
0
1
74.1758
0
1
0
49.4505
0
1
1
32.9670
1
0
0
161.8380
1
0
1
80.9190
1
1
0
53.9460
1
1
1
35.9640


Similar Part No. - ICS810001-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
   FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
More results

Similar Description - ICS810001-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com