Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33077DG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33077DG
Description  Low Noise Dual Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33077DG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33077DG Datasheet HTML 2Page - ON Semiconductor MC33077DG Datasheet HTML 3Page - ON Semiconductor MC33077DG Datasheet HTML 4Page - ON Semiconductor MC33077DG Datasheet HTML 5Page - ON Semiconductor MC33077DG Datasheet HTML 6Page - ON Semiconductor MC33077DG Datasheet HTML 7Page - ON Semiconductor MC33077DG Datasheet HTML 8Page - ON Semiconductor MC33077DG Datasheet HTML 9Page - ON Semiconductor MC33077DG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33077
http://onsemi.com
6
Figure 10. Supply Current
versus Temperature
Figure 11. Common Mode Rejection
versus Frequency
Figure 12. Power Supply Rejection
versus Frequency
Figure 13. Gain Bandwidth Product
versus Supply Voltage
Figure 14. Gain Bandwidth Product
versus Temperature
Figure 15. Maximum Output Voltage
versus Supply Voltage
±15 V
TA, AMBIENT TEMPERATURE (°C)
±5.0 V
VCM = 0 V
RL = ∞
VO = 0 V
f, FREQUENCY (Hz)
VCC = +15 V
VEE = −15 V
VCM = 0 V
D VCM = ±1.5 V
TA = 25°C
f, FREQUENCY (Hz)
−PSR
+PSR
+PSR = 20Log
DVO/ADM
D VCC
−PSR = 20Log
DVO/ADM
D VEE
RL = 10 kW
CL = 0 pF
f = 100 kHz
TA = 25°C
VCC, |VEE|, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
VCC = +15 V
VEE = −15 V
f = 100 kHz
RL = 10 kW
CL = 0 pF
Vp +
Vp
VCC, |VEE|, SUPPLY VOLTAGE (V)
RL = 10 kW
RL = 10 kW
RL = 2.0 kW
RL = 2.0 kW
TA = 25°C
5.0
4.0
3.0
2.0
1.0
0
120
100
80
60
40
20
0
120
100
80
60
40
20
0
48
44
40
36
32
28
24
50
46
42
38
34
30
26
20
15
10
5.0
0
−5.0
−10
−15
−20
−55
−25
0
25
50
75
100
125
100
1.0 k
10 k
100 k
1.0 M
10 M
100
1.0 k
10 k
100 k
1.0 M
0
5
10
15
20
−55
−25
0
25
50
75
100
125
0
5.0
10
15
20
CMR = 20Log
+
ADM
D VCM
D VO
D VO
D VCM
× ADM
VCC = +15 V
VEE = −15 V
TA = 25°C
+
D VO
ADM
VEE
VCC


Similar Part No. - MC33077DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33077D ONSEMI-MC33077D Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
MC33077D ONSEMI-MC33077D Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DR2 ONSEMI-MC33077DR2 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DR2G ONSEMI-MC33077DR2G Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
More results

Similar Description - MC33077DG

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com