Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXC3245DWRG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LVXC3245DWRG
Description  Configurable Dual Supply Octal Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXC3245DWRG Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LVXC3245DWRG Datasheet HTML 1Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 2Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 3Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 4Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 5Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 6Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 7Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 8Page - ON Semiconductor MC74LVXC3245DWRG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74LVXC3245
http://onsemi.com
6
Figure 3. Block Diagram
SLOT 0
LVXC3245
LVXC3245
SLOT 1
LVXC3245
LVXC3245
SLOT 0
SLOT 1
VCCB
VCCA
OPTIONAL
5 V
VCC
3 V
VCC
POWER
SWITCHES
PCMCIA 2.0
JEIDA 4.1
COMPATIBLE
CONTROLLER
SD(0:15)
SD(0:15)
Configurable I/O Application for PCMCIA Cards
The 74LVXC3245 is a dual−supply device well suited for
PCMCIA configurable I/O applications. The LVXC3245
consumes less than 1mW of quiescent power in all modes of
operation, making it ideal for low power notebook designs.
The LVXC3245 meets all PCMCIA I/O voltage requirements
at 5.0 V and 3.3 V operation. By tying the VCCB pin to the
card voltage supply, the PCMCIA card will always have
rail−to−rail output swings, maximizing the reliability of the
interface.
The VCCA pin must always be tied to a 3.3 V power supply.
This voltage connection provides internal references needed
to account for variations in VCCB. When connected as in the
figure above, the LVXC3245 meets all the voltage and current
requirements of the ISA bus standard (IEEE P996).


Similar Part No. - MC74LVXC3245DWRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
102Kb / 9P
   Configurable Dual Supply Octal Transceiver
September, 2014 ??Rev. 7
More results

Similar Description - MC74LVXC3245DWRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245 Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
MC74LVXC3245DTG ONSEMI-MC74LVXC3245DTG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245_14 Datasheet
102Kb / 9P
   Configurable Dual Supply Octal Transceiver
September, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com