Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP4N50 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQP4N50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP4N50 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQP4N50 Datasheet HTML 1Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 2Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 3Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 4Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 5Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 6Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 7Page - Fairchild Semiconductor FQP4N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-.*.Ω, / 
,-0**-0µ . 1./ 
"  !"  **µ 2%(%(  3
4 %   5   # 


 





C*
 C=* 
*,)*6,-()µ'
())


*
∆C*
7∆
C=* 
 
6,-()µ'+ -(8

) %A

*78
6
D:* 
*,())**,)*


0
µ'
*,&))*,0-(8


0)
µ'
6
:C1=
*,%)**,)*


0))
'
6
:C1=+!
*,%)**,)*


0))
'
 
*
: * 
*,*6,-()µ'
% )

( )
*
+
  
+ 
*,0)*6,0 .'

- )
- .

   
*,()*6,0 .'

- B


 

6  
*,-(**,)*
,0 )E#


%()
&4)


  

((
.)


+!  

4
A

   

 
*,-()*6,% &'
+,-(Ω


0-
%)


+

&(
0))


 

-)
()


 

%)
.)

F
 :
*,&))*6,% &'
*,0)*


0)
0%

F
: 

- (


F
:

& .


     
6
@ 


% &
'
6
@9  


0% 4
'
*
 * 
*,)*6,% &'


0 &
*

+!+ !
*,)*6,% &'
67,0))'7µ

-0)


F
+!+ !

0 0(

µ


Similar Part No. - FQP4N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP4N50 ISC-FQP4N50 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP4N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com