Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V35 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V35
Description  HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V35 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V35 Datasheet HTML 1Page - Integrated Device Technology IDT70V35 Datasheet HTML 2Page - Integrated Device Technology IDT70V35 Datasheet HTML 3Page - Integrated Device Technology IDT70V35 Datasheet HTML 4Page - Integrated Device Technology IDT70V35 Datasheet HTML 5Page - Integrated Device Technology IDT70V35 Datasheet HTML 6Page - Integrated Device Technology IDT70V35 Datasheet HTML 7Page - Integrated Device Technology IDT70V35 Datasheet HTML 8Page - Integrated Device Technology IDT70V35 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6.42
IDT70V35/34S/L
(IDT70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
5624 drw 04
I/O7L
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
125
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT70V25/24
G
G84-3(4)
84-Pin PGA
Top View(5)
A
B
CDE
F
G
HJ
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
346915
13
16
18
22
24
19
21
68
71
70
77
80
UBR
CER
VSS
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
VSS
VSS
R/
WR
OER
LBR
VSS
VSS
SEMR
UBL
CEL
R/
WL
OEL
VSS
SEML
VDD
LBL
INTR
BUSYR
BUSYL
M/
S
INTL
A11L
Index
I/O5L
I/O4L
I/O2L
I/O0L
I/O10L
I/O8L
I/O6L
I/O3L
I/O1L
I/O11L
I/O9L
I/O13L
I/O12L
I/O15L
I/O14L
I/O0R
A9L
A10L
A8L
A7L
A5L
A6L
A4L
A3L
A2L
A0L
A1L
A0R
A2R
A1R
A5R
A3R
A6R
A4R
A9R
A7R
A8R
A10R
A11R
I/O1R
I/O2R
VDD
I/O3R
I/O4R
I/O5R
I/O7R
I/O6R
I/O9R
I/O8R
I/O11R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
VDD
A12R(1)
A12L(1)
06/11/04
Pin Configurations(1,2,3,4)(con't)
NOTES:
1.
A12 is a NC for IDT70V24.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. G84-3 package body is approximately 1.12 in x 1.12 in x .16 in.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.


Similar Part No. - IDT70V35

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V3534SL IDT-IDT70V3534SL Datasheet
216Kb / 25P
   True Dual-Ported memory cells which allow simultaneous reads of the same memory location
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3569S IDT-IDT70V3569S Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3569S IDT-IDT70V3569S Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V35

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com