Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

854S006AGILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 854S006AGILF
Description  Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

854S006AGILF Datasheet(HTML) 4 Page - Integrated Device Technology

  854S006AGILF Datasheet HTML 1Page - Integrated Device Technology 854S006AGILF Datasheet HTML 2Page - Integrated Device Technology 854S006AGILF Datasheet HTML 3Page - Integrated Device Technology 854S006AGILF Datasheet HTML 4Page - Integrated Device Technology 854S006AGILF Datasheet HTML 5Page - Integrated Device Technology 854S006AGILF Datasheet HTML 6Page - Integrated Device Technology 854S006AGILF Datasheet HTML 7Page - Integrated Device Technology 854S006AGILF Datasheet HTML 8Page - Integrated Device Technology 854S006AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICS854S006AGI REVISION B JANUARY 18, 2010
4
©2010 Integrated Device Technology, Inc.
ICS854S006I Data Sheet
LOW SKEW, 1-TO-6, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
TABLE 4E. LVDS DC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
5
0
35
0
5V
m
Δ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
1
.
15
4
.
1V
Δ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
.
n
o
i
t
a
m
r
o
f
n
i
t
u
p
t
u
o
r
o
f
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
o
t
r
e
f
e
r
e
s
a
e
l
P
:
E
T
O
N
.
c
e
p
s
t
e
g
r
a
t
n
g
i
s
e
d
a
s
i
e
u
l
a
v
m
u
m
i
x
a
M
:
E
T
O
N
TABLE 4D. LVDS DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
6
2
36
2
5V
m
Δ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
8
2
.
14
4
.
1V
Δ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
.
n
o
i
t
a
m
r
o
f
n
i
t
u
p
t
u
o
r
o
f
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
o
t
r
e
f
e
r
e
s
a
e
l
P
:
E
T
O
N
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V ± 5%, T
A
= -40°C TO 85°C
TABLE 5B. AC CHARACTERISTICS, V
DD = VDDO = 2.5V ± 5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
7
.
1z
H
G
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
0
0
30
0
8s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
5s
p
t t
ij
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
;
S
M
R
n
o
i
t
c
e
S
r
e
t
t
i
J
,
z
H
M
8
0
.
2
2
6
z
H
M
0
2
z
H
k
2
1
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
7
6
0
.
0s
p
t
R /tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
50
5
2s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
z
H
G
2
.
17
43
5%
.
A
5
e
l
b
a
T
e
e
s
,
S
E
T
O
N
r
o
F
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
7
.
1z
H
G
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
0
0
30
5
8s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
5s
p
t t
ij
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
;
S
M
R
n
o
i
t
c
e
S
r
e
t
t
i
J
,
z
H
M
8
0
.
2
2
6
z
H
M
0
2
z
H
k
2
1
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
7
6
0
.
0s
p
t
R /tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
50
5
2s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
z
H
G
2
.
17
43
5%
d
e
h
s
il
b
a
t
s
e
s
i
h
c
i
h
w
,
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
a
d
e
i
f
i
c
e
p
s
e
h
t
r
e
v
o
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
l
a
c
i
r
t
c
e
l
E
:
E
T
O
N
t
e
e
m
ll
i
w
e
c
i
v
e
d
e
h
T
.
m
p
f
l
0
0
5
n
a
h
t
r
e
t
a
e
r
g
w
o
l
f
r
i
a
e
s
r
e
v
s
n
a
r
t
d
e
n
i
a
t
n
i
a
m
h
t
i
w
t
e
k
c
o
s
t
s
e
t
a
n
i
d
e
t
n
u
o
m
s
i
e
c
i
v
e
d
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
e
s
e
h
t
r
e
d
n
u
d
e
h
c
a
e
r
n
e
e
b
s
a
h
m
u
i
r
b
il
i
u
q
e
l
a
m
r
e
h
t
r
e
t
f
a
s
n
o
i
t
a
c
i
f
i
c
e
p
s
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
m
o
r
f
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N


Similar Part No. - 854S006AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
854S006AGILF IDT-854S006AGILF Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006AGILF IDT-854S006AGILF Datasheet
272Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006AGILF IDT-854S006AGILF Datasheet
691Kb / 17P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
854S006AGILF RENESAS-854S006AGILF Datasheet
1Mb / 18P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
logo
Integrated Device Techn...
854S006AGILFT IDT-854S006AGILFT Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
More results

Similar Description - 854S006AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
logo
Integrated Device Techn...
854S006 IDT-854S006 Datasheet
691Kb / 17P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
   Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104 RENESAS-ICS854104 Datasheet
747Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com