Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

663MILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 663MILFT
Description  PLL BUILDING BLOCK Phase detector and VCO blocks can be used Lower power CMOS process
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

663MILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  663MILFT Datasheet HTML 1Page - Integrated Device Technology 663MILFT Datasheet HTML 2Page - Integrated Device Technology 663MILFT Datasheet HTML 3Page - Integrated Device Technology 663MILFT Datasheet HTML 4Page - Integrated Device Technology 663MILFT Datasheet HTML 5Page - Integrated Device Technology 663MILFT Datasheet HTML 6Page - Integrated Device Technology 663MILFT Datasheet HTML 7Page - Integrated Device Technology 663MILFT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS663
PLL BUILDING BLOCK
PLL BUILDING BLOCK
IDT™ / ICS™ PLL BUILDING BLOCK
2
ICS663
REV E 012006
Pin Assignment
VCO Post Divide Select Table
0 = connect pin directly to ground
1 = connect pin directly to VDD
Pin Descriptions
1
2
3
FBIN
4
VDD
GND
CLK
LF
SEL
LFR
8
7
6
5
REFIN
8 Pin (150 mil) SOIC
SEL
VCO Post
Divide
08
12
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
FBIN
Input
Feedback clock input. Connect the output of the feedback divider to
this pin. Falling edge triggered.
2
VDD
Power
VDD. Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
LF
Input
Loop filter connection (refer to Figure 1 on Page 5).
When using the phase detector block only, this pin serves as the
charge pump output.
When using the VCO block only, this pin serves as VCO input control
voltage.
5
LFR
Input
Loop filter return (refer to Figure 1 on Page 5).
6
SEL
Input
Select pin for VCO post divide, as per above table.
7
CLK
Output
Clock output.
8
REFIN
Input
Reference clock input. Connect the input clock to this pin. Falling edge
triggered.


Similar Part No. - 663MILFT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
663 LITTELFUSE-663 Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
logo
EDAC, All Rights Reserv...
663-009-264-000 EDAC-663-009-264-000 Datasheet
529Kb / 3P
   663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
663-009-264-001 EDAC-663-009-264-001 Datasheet
529Kb / 3P
   663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
663-009-264-002 EDAC-663-009-264-002 Datasheet
529Kb / 3P
   663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
663-009-264-003 EDAC-663-009-264-003 Datasheet
529Kb / 3P
   663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
More results

Similar Description - 663MILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
673-01 RENESAS-673-01 Datasheet
89Kb / 8P
   PLL BUILDING BLOCK
051310
logo
Integrated Circuit Syst...
ICS663 ICST-ICS663 Datasheet
146Kb / 7P
   PLL BUILDING BLOCK
ICS673-01 ICST-ICS673-01 Datasheet
73Kb / 9P
   PLL Building Block
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
logo
Linear Technology
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com