Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V175LT10C Datasheet(PDF) 1 Page - Littelfuse

Part # V175LT10C
Description  Radial Lead Varistors > C-III series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V175LT10C Datasheet(HTML) 1 Page - Littelfuse

  V175LT10C Datasheet HTML 1Page - Littelfuse V175LT10C Datasheet HTML 2Page - Littelfuse V175LT10C Datasheet HTML 3Page - Littelfuse V175LT10C Datasheet HTML 4Page - Littelfuse V175LT10C Datasheet HTML 5Page - Littelfuse V175LT10C Datasheet HTML 6Page - Littelfuse V175LT10C Datasheet HTML 7Page - Littelfuse V175LT10C Datasheet HTML 8Page - Littelfuse V175LT10C Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
101
Varistor Products
Revision: January 9, 2009
©2008 Littelfuse, Inc.
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
C-III Varistor Series
RoHS
Description
The C-III Series of Metal-Oxide Varistors (MOVs) are
specifically designed for applications requiring high surge
energy absorption ratings and superior multiple pulse
absorption rating. This is achieved through a special
dielectric material formulation which also results in
higher repetitive surge ratings than other MOV types.
The C-III Series is primarily intended for use in AC
line Transient Voltage Surge Suppressor (TVSS)
product environment and other similar applications
requiring high transient energy and peak current
capability in a relatively small package size.
Features
compliant option
available. Please see
the device and ratings
specifications table
for more information
gh energy
absorption capability
W
TM 40J to 530J (2ms)
High peak pulse
current capability
I
TM 3500A to
9000A (8/20μs)
Wide operating
voltage range
VM(AC)RMS 130V to 680V
reel for automatic
insertion; Also available
with crimped and/or
trimmed lead styles
85ºC ambient
The C-III Series is
supplied in 10mm,
14mm and 20mm
disc versions with
various lead options
Agency Approvals
Absolute Maximum Ratings
Agency
Agency File Number
E75961
LR91788
116895E
42201-006
Continuous
C-III Series
Units
Steady State Applied Voltage:
DC Voltage Range (V
M(AC)RMS)
130 to 660
V
Transients:
Single-Pulse Peak Current (I
TM) 8/20μs Wave
(See Peak Pulse Current Test Waveform)
3500 to 9000
A
Single-Pulse Energy Range (W
TM) 2ms Rectangular Wave
40 to 530
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.0
%/ºC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
5000
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.


Similar Part No. - V175LT10C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LT5CP LITTELFUSE-V175LT5CP Datasheet
379Kb / 10P
   Radial Lead Varistors > C-III series
More results

Similar Description - V175LT10C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LT5CP LITTELFUSE-V175LT5CP Datasheet
379Kb / 10P
   Radial Lead Varistors > C-III series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com