Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72660M0151K072 Datasheet(PDF) 6 Page - EPCOS

Part # B72660M0151K072
Description  Ceramic transient voltage suppressors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72660M0151K072 Datasheet(HTML) 6 Page - EPCOS

Back Button B72660M0151K072 Datasheet HTML 2Page - EPCOS B72660M0151K072 Datasheet HTML 3Page - EPCOS B72660M0151K072 Datasheet HTML 4Page - EPCOS B72660M0151K072 Datasheet HTML 5Page - EPCOS B72660M0151K072 Datasheet HTML 6Page - EPCOS B72660M0151K072 Datasheet HTML 7Page - EPCOS B72660M0151K072 Datasheet HTML 8Page - EPCOS B72660M0151K072 Datasheet HTML 9Page - EPCOS B72660M0151K072 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 85
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
Pdiss,max
mW
CU3225K250G2
B72650M0251K072
250
320
400
8200 100
CU4032K250G2
B72660M0251K072
250
320
1200
19000 250
CU3225K275G2
B72650M0271K072
275
350
400
8600 100
CU4032K275G2
B72660M0271K072
275
350
1200
21000 250
CU3225K300G2
B72650M0301K072
300
385
400
9600 100
CU4032K300G2
B72660M0301K072
300
385
1200
23000 250
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz, 1 V)
pF
CU3225K250G2
390
±10
650
5
55
CU4032K250G2
390
±10
650
10
105
CU3225K275G2
430
±10
710
5
50
CU4032K275G2
430
±10
710
10
95
CU3225K300G2
470
±10
775
5
45
CU4032K300G2
470
±10
775
10
90
SMD disk varistors (CU varistors)
Standard series
Page 6 of 35
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72660M0151K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
96Kb / 7P
   Monolithic; Standard Series
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
885Kb / 36P
   Ceramic transient voltage suppressors
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
More results

Similar Description - B72660M0151K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com