Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162244T Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT162244T
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER Reduced system switching noise
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT162244T Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT162244T_09 Datasheet HTML 1Page - Integrated Device Technology 74FCT162244T_09 Datasheet HTML 2Page - Integrated Device Technology 74FCT162244T_09 Datasheet HTML 3Page - Integrated Device Technology 74FCT162244T_09 Datasheet HTML 4Page - Integrated Device Technology 74FCT162244T_09 Datasheet HTML 5Page - Integrated Device Technology 74FCT162244T_09 Datasheet HTML 6Page - Integrated Device Technology 74FCT162244T_09 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT162244T/AT/CT/ET
FASTCMOS16-BITBUFFER/LINEDRIVER
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
74FCT162244AT
74FCT162244CT
74FCT162244ET
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
1.5
4.8
1.5
4.1
1.5
3.2
ns
tPHL
xAx to xYx
RL = 500
Ω
tPZH
Output Enable Time
1.5
6.2
1.5
5.8
1.5
4.4
ns
tPZL
tPHZ
Output Disable Time
1.5
5.6
1.5
5.2
1.5
3.6
ns
tPLZ
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns
54FCT162244T
54FCT162244AT
54FCT162244CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
1.5
7
1.5
5.1
1.5
4.6
ns
tPHL
xAx to xYx
RL = 500
Ω
tPZH
Output Enable Time
1.5
8.5
1.5
6.5
1.5
6.5
ns
tPZL
tPHZ
Output Disable Time
1.5
7.5
1.5
5.9
1.5
5.7
ns
tPLZ
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns


Similar Part No. - 74FCT162244T_09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT162244TE RENESAS-74FCT162244TE Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
74FCT162244TEB RENESAS-74FCT162244TEB Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
74FCT162244TPAG RENESAS-74FCT162244TPAG Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
74FCT162244TPAGB RENESAS-74FCT162244TPAGB Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Texas Instruments
74FCT162244TPVCG4 TI-74FCT162244TPVCG4 Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results

Similar Description - 74FCT162244T_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com