Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX52-16-E6327 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCX52-16-E6327
Description  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX52-16-E6327 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCX52-16-E6327 Datasheet HTML 1Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 2Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 3Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 4Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 5Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 6Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 7Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2011-07-29
3
BCX51...-BCX53...
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BCX51
IC = 10 mA, IB = 0 , BCX52
IC = 10 mA, IB = 0 , BCX53
V(BR)CEO
45
60
80
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IE = 0 , BCX51
IC = 100 µA, IE = 0 , BCX52
IC = 100 µA, IE = 0 , BCX53
V(BR)CBO
45
60
100
-
-
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
0.1
20
µA
DC current gain1)
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V, BCX51...BCX53
IC = 150 mA, VCE = 2 V, BCX53-10
IC = 150 mA, VCE = 2 V, BCX51-16...BCX53-16
IC = 500 mA, VCE = 2 V
hFE
25
40
63
100
25
-
-
100
160
-
-
250
160
250
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.5
V
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE(ON)
-
-
1
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 10 V, f = 20 MHz
fT
-
125
-
MHz
1Pulse test: t < 300µs; D < 2%


Similar Part No. - BCX52-16-E6327

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX52-16-AM ZETEX-BCX52-16-AM Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Comchip Technology
BCX52-16-G COMCHIP-BCX52-16-G Datasheet
177Kb / 6P
   General Purpose Transistor
More results

Similar Description - BCX52-16-E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com