Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70180PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V70180PF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70180PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V70180PF Datasheet HTML 1Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 2Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 3Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 4Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 5Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 6Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 7Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 8Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5716/4
MARCH 2003
3.3 VOLT TIME SLOT INTERCHANGE
DIGITAL SWITCH
128 x 128
IDT72V70180
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The ST-BUSis a trademark of Mitel Corp.
FUNCTIONAL BLOCK DIAGRAM
RX0
RX1
RX2
RX3
ODE
F0i
VCC
CS
DS/
RD
R/
W/
WR
A0-A7
GND
DTA D8-D15/
AD0-AD7
TX0
TX1
TX2
TX3
AS/
ALE
IM
CLK
FE
IC
RESET
5716 drw01
Receive
Serial Data
Streams
Output
MUX
Loopback
Data Memory
Internal
Registers
Microprocessor Interface
Timing Unit
Connection
Memory
Transmit
Serial Data
Streams
FEATURES:
128 x 128 channel non-blocking switching at 2.048 Mb/s
Per-channel variable or constant throughput delay
Automatic identification of ST-BUS®/GCI interfaces
Accepts 4 serial data streams of 2.048 Mb/s
Automatic frame offset delay measurement
Per-stream frame delay offset programming
Per-channel high impedance output control
Per-channel Processor Mode
Control interface compatible to Intel/Motorola CPUs
Connection memory block programming
Available in 64-pin Thin Plastic Quad Flatpack (TQFP) and
64-pin Small Thin Quad Flatpack (STQFP)
3.3V Power Supply
Operating Temperature Range -40
°°°°°C to +85°°°°°C
••••• 3.3V I/O with 5V Tolerant Inputs
DESCRIPTION:
The IDT72V70180 is a non-blocking digital switch that has a capacity of
128 x 128 channels at 2.048 Mb/s. Some of the main features are: program-
mablestreamandchannelcontrol,ProcessorMode,inputoffsetdelayandhigh-
impedanceoutputcontrol.
Per-stream input delay control is provided for managing large multi-chip
switchesthattransportbothvoicechannelandconcatenateddatachannels.In
addition, input streams can be individually calibrated for input frame offset.


Similar Part No. - IDT72V70180PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
More results

Similar Description - IDT72V70180PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT72V8981 RENESAS-IDT72V8981 Datasheet
335Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
AUGUST 2003
logo
Integrated Device Techn...
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com