Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V41064NLGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 5V41064NLGI8
Description  1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41064NLGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 5V41064NLGI8 Datasheet HTML 3Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 4Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 9Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 10Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IDT5V41064
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT® 1 OUTPUT PCIE GEN1/2 SYNTHESIZER
7
IDT5V41064
REV G 112111
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT5V41064. These ratings are stress
ratings only. Functional operation of the device at these or any other conditions above those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
1 Single edge is monotonic when transitioning through region.
2 Inputs with pull-ups/-downs are not included.
Item
Rating
Supply Voltage, VDD, VDDA
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
ESD Protection (Input)
2000 V min. (HBM)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
3.135
3.465
Input High Voltage1
VIH
2.2
VDD +0.3
V
Input Low Voltage1
VIL
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < Vin < VDD
-5
5
μA
Operating Supply Current
IDD
2 pF load
70
mA
Input Capacitance
CIN
Input pin capacitance
7
pF
Output Capacitance
COUT
Output pin capacitance
6
pF
Pin Inductance
LPIN
5nH
Output Resistance
Rout
CLK outputs
3.0
k
Ω
Pull-up Resistor
RPUP
SS1
100
k
Ω


Similar Part No. - 5V41064NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41064NLGI8 RENESAS-5V41064NLGI8 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results

Similar Description - 5V41064NLGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com