Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V41064NLG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 5V41064NLG
Description  1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41064NLG Datasheet(HTML) 2 Page - Integrated Device Technology

  5V41064NLG Datasheet HTML 1Page - Integrated Device Technology 5V41064NLG Datasheet HTML 2Page - Integrated Device Technology 5V41064NLG Datasheet HTML 3Page - Integrated Device Technology 5V41064NLG Datasheet HTML 4Page - Integrated Device Technology 5V41064NLG Datasheet HTML 5Page - Integrated Device Technology 5V41064NLG Datasheet HTML 6Page - Integrated Device Technology 5V41064NLG Datasheet HTML 7Page - Integrated Device Technology 5V41064NLG Datasheet HTML 8Page - Integrated Device Technology 5V41064NLG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDT5V41064
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT® 1 OUTPUT PCIE GEN1/2 SYNTHESIZER
2
IDT5V41064
REV G 112111
Pin Assignment
Spread Spectrum Select Table
Pin Descriptions
1
16-pin QFN
5
9
13
GND
X1
X2
NC
CLK
CLK
GND
VDDA
SS1
Spread%
0
-0.5% down
1
No spread
Pin
Number
Pin
Name
Pin Type
Pin Description
1
GND
Power
Connect to ground.
2
X1
XI
Crystal or clock input. Connect to 25 MHz crystal or single-ended clock.
3
X2
XO
Crystal connection. Connect to parallel mode crystal. Leave floating if X1 is driven by
single-ended clock.
4
NC
No connect.
5
GND
Power
Connect to ground.
6
SS1
Input
Spread Select 1. See table above. Internal pull-up resistor.
7
IREF
Output
475
Ω precision resistor must be attached to this pin, which is connected to internal
current source.
8
NC
No connect.
9
VDDA
Power
Connect to 3.3V and filter as analog supply.
10
GND
Power
Connect to ground.
11
CLK
Output
HCSL complementary output clock.
12
CLK
Output
HCSL true output clock.
13
NC
No connect.
14
NC
No connect.
15
VDD
Power
Connect to 3.3 V for OSC and digital circuits.
16
NC
No connect.


Similar Part No. - 5V41064NLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41064NLG RENESAS-5V41064NLG Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLG8 RENESAS-5V41064NLG8 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLGI RENESAS-5V41064NLGI Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLGI8 RENESAS-5V41064NLGI8 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results

Similar Description - 5V41064NLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com