Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVT12100V Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SVT12100V
Description  ULTRA LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT12100V Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SVT12100V Datasheet HTML 1Page - Pan Jit International Inc. SVT12100V Datasheet HTML 2Page - Pan Jit International Inc. SVT12100V Datasheet HTML 3Page - Pan Jit International Inc. SVT12100V Datasheet HTML 4Page - Pan Jit International Inc. SVT12100V Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
July 4,2013-REV.00
SVT12100V
ULTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
100 Volts
12 Amperes
FEATURES
• Ideal for automated placement
• Ultra Low forward voltage drop, low power losses
• High efficiency operation
• Low thermal resistance
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : TO-277, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight : 0.0037 ounces, 0.1073 grams
Marking : SVT12100V
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
NOTES :
1.Mounted on an FR4 PCB, single-sided copper, with 10cm*10cm*0.5mm copper pad area
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VR
100
V
Maximum Average Rectified Output Current
I F(AV)
12
A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
200
A
Typical Junction Capacitance (VR=4V, f=1MHz)
CJ
1200
pF
Typical Thermal Resistance
(Note 1)
(Note 2)
RJC
RJA
3
110
oC/W
Operating Junction Temperature Range And Storage Temperature Range
TJ,TSTG
-55 to + 150
oC
0.243(6.15)
0.238(6.05)
0.262(6.65)
0.250(6.35)
0.183(4.65)
0.171(4.35)
0.043(1.10)
0.035(0.90)


Similar Part No. - SVT12100V

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT12100V-AU PANJIT-SVT12100V-AU Datasheet
179Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V-AU PANJIT-SVT12100V-AU_16 Datasheet
292Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V-AU_R2_000A1 PANJIT-SVT12100V-AU_R2_000A1 Datasheet
292Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100VB PANJIT-SVT12100VB Datasheet
177Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100VB PANJIT-SVT12100VB_16 Datasheet
294Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SVT12100V

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com