Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32360A4206J80 Datasheet(PDF) 7 Page - EPCOS

Part # B32360A4206J80
Description  Film capacitors - power electronic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32360A4206J80 Datasheet(HTML) 7 Page - EPCOS

Back Button B32360A4206J80 Datasheet HTML 3Page - EPCOS B32360A4206J80 Datasheet HTML 4Page - EPCOS B32360A4206J80 Datasheet HTML 5Page - EPCOS B32360A4206J80 Datasheet HTML 6Page - EPCOS B32360A4206J80 Datasheet HTML 7Page - EPCOS B32360A4206J80 Datasheet HTML 8Page - EPCOS B32360A4206J80 Datasheet HTML 9Page - EPCOS B32360A4206J80 Datasheet HTML 10Page - EPCOS B32360A4206J80 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Film capacitors – Power Electronic Capacitors
General purpose applications
B32360 ... B32364
Preliminary data
FK PC PEC
May 2009
Please read Cautions and warnings and
Page 6 of 12
Important notes at the end of this document
.
Electrical characteristics
Clearance and creepage distances:
Terminal to terminal
Terminal to case
Series
Diameter
(mm)
Clearance
(mm)
Creepage
(mm)
Clearance
(mm)
Creepage
(mm)
40
10
14
14
15
53
10
13
12
12
B32360
63
10
13
19
19
B32361
63
23
30
13
12
75
25
55
14
16
B32362
85
25
63
17
19
63
27
52
14
14
B32364
75
27
60
16
24
Maximum current Imax
The maximum RMS current for continuous operation
Maximum peak current î
The maximum current amplitude which occurs instantaneously during continuous operation.
The maximum peak current (Î) and the maximum rate of voltage rise (dV/dt)max on a capacitor are
related as follows:
Î = C · (dV/dt)max
Maximum surge current Is
The admissible peak current induced by a switching or any other disturbance of the system which is
allowed for a limited number of times.
Is = C · (dV/dt)s
Maximum duration:
50 ms/pulse
Maximum number of occurrences: 1000 (during load)
Series Resistance Rs
The series resistance of a capacitor is the result of the resistive losses that occur in the electrodes, in
the contacting and in the inner wiring.
The series resistance Rs generates the ohmic losses (I
2 · Rs) in a capacitor, and it is largely
independent of frequency.
Self-Inductance Lself
The self-inductance is produced by the inductance of the terminals and the windings.
With Self-Inductance, it is possible to determine the Resonance Frequency.
C
L
F
self
2
1


Similar Part No. - B32360A4206J80

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32360A4206J080 EPCOS-B32360A4206J080 Datasheet
669Kb / 12P
   Film capacitors - Power Electronic Capacitors
B32360A4206J080 EPCOS-B32360A4206J080 Datasheet
726Kb / 16P
   Power Capacitors for Industrial Applications and Renewable Energy
More results

Similar Description - B32360A4206J80

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com