Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8305AG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8305AG
Description  LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8305AG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8305AG Datasheet HTML 2Page - Integrated Device Technology 8305AG Datasheet HTML 3Page - Integrated Device Technology 8305AG Datasheet HTML 4Page - Integrated Device Technology 8305AG Datasheet HTML 5Page - Integrated Device Technology 8305AG Datasheet HTML 6Page - Integrated Device Technology 8305AG Datasheet HTML 7Page - Integrated Device Technology 8305AG Datasheet HTML 8Page - Integrated Device Technology 8305AG Datasheet HTML 9Page - Integrated Device Technology 8305AG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
6
ICS8305AG REV. C OCTOBER 23, 2008
ICS8305
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
All parameters measured at ƒ
≤ 350MHz unless noted otherwise.
NOTE 1A: Measured from the VDD/2 of the input to VDDO/2 of the output.
NOTE 1B: Measured from the differential input crossing point to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions.
Using the same type of input on each device, the output is measured at VDDO/2.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
NOTE 5: Driving only one input clock.
NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
Table 5B. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = 0°C to 70°C
For NOTES, see Table 5A above.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tpLH
Propagation
Delay,
Low to High
LVCMOS_CLK;
NOTE 1A
CLK/nCLK;
NOTE 1B
1.75
2.75
ns
tsk(o)
Output Skew; NOTE 2, 6
Measured on the Rising Edge
35
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 6
700
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter
Section, NOTE 5
0.04
ps
tR / tF
Output Rise/Fall Time; NOTE 4
20% to 80%
100
700
ps
odc
Output Duty Cycle
Ref = CLK/nCLK
45
55
%
Ref = LVCMOS_CLK, ƒ
≤ 300MHz
45
55
%
tEN
Output Enable Time; NOTE 4
5ns
tDIS
Output Disable Time; NOTE 4
5ns
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tpLH
Propagation
Delay,
Low to High
LVCMOS_CLK;
NOTE 1A
CLK/nCLK;
NOTE 1B
1.8
2.9
ns
tsk(o)
Output Skew; NOTE 2, 6
Measured on the Rising Edge
35
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 6
800
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter
Section, NOTE 5
0.04
ps
tR / tF
Output Rise/Fall Time; NOTE 4
20% to 80%
100
700
ps
odc
Output Duty Cycle
Ref = CLK/nCLK
44
56
%
Ref = LVCMOS_CLK, ƒ
≤ 300MHz
44
56
%
tEN
Output Enable Time; NOTE 4
5ns
tDIS
Output Disable Time; NOTE 4
5ns


Similar Part No. - 8305AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8305AG-02LF RENESAS-8305AG-02LF Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
8305AG-02LFT RENESAS-8305AG-02LFT Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
logo
Integrated Circuit Syst...
8305AGI ICST-8305AGI Datasheet
210Kb / 15P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8305AGI RENESAS-8305AGI Datasheet
460Kb / 17P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
8305AGI-02LF RENESAS-8305AGI-02LF Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
More results

Similar Description - 8305AG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8305I RENESAS-ICS8305I Datasheet
460Kb / 17P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305_14 Datasheet
428Kb / 17P
   Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8305 ICST-ICS8305 Datasheet
213Kb / 16P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
logo
Texas Instruments
LMK00804B TI1-LMK00804B Datasheet
2Mb / 32P
[Old version datasheet]   Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/TTL Fanout Buffer
logo
Integrated Device Techn...
8304I IDT-8304I Datasheet
195Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL
logo
Renesas Technology Corp
83026I RENESAS-83026I Datasheet
504Kb / 13P
   Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout
December 15, 2015
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com