Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC962305EF-1R2 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC962305EF-1R2
Description  Low-Cost, 3.3V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC962305EF-1R2 Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC962305EF-1R2 Datasheet HTML 1Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 2Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 3Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 4Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 5Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 6Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 7Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 8Page - Integrated Device Technology MPC962305EF-1R2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MPC962305 REVISION 8 JANUARY 8, 2013
4
©2013 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
Table 7. Switching Characteristics for MPC962305-1 and MPC962309-1 Industrial Temperature Devices(1)
1. All parameters are specified with loaded outputs.
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load
10-pF load
10
10
100
133.33
MHz
MHz
Duty Cycle(2) = t2 t1
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Measured at 1.4 V, FOUT = 66.67 MHz
40.0
50.0
60.0
%
t3
Rise Time(2)
Measured between 0.8 V and 2.0 V
2.50
ns
t4
Fall Time(2)
Measured between 0.8 V and 2.0 V
2.50
ns
t5
Output to Output Skew(2)
All outputs equally loaded
250
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2
0
350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2. Measured in PLL Bypass Mode,
MPC962309 device only
15
8.7
ns
t7
Device to Device Skew(2)
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
tJ
Cycle to Cycle Jitter(2)
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time(2)
Stable power supply, valid clock presented on REF pin
1.0
ms
Table 8. Switching Characteristics for MPC962305-1H and MPC962309-1H Industrial Temperature Devices(1)
1. All parameters are specified with loaded outputs.
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load
10-pF load
10
10
100
133.33
MHz
MHz
Duty Cycle(2) = t2
t1
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Measured at 1.4 V, FOUT = 66.67 MHz
40.0
50.0
60.0
%
Duty Cycle(2) = t2
t1
Measured at 1.4 V, FOUT < 50 MHz
45.0
55.0
55.0
%
t3
Rise Time(2)
Measured between 0.8 V and 2.0 V
1.50
ns
t4
Fall Time(2)
Measured between 0.8 V and 2.0 V
1.50
ns
t5
Output to Output Skew(2)
All outputs equally loaded
250
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2
0
350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2. Measured in PLL Bypass Mode,
MPC962309 device only
15
8.7
ns
t7
Device to Device Skew(2)
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
t8
Output Slew Rate(2)
Measured between 0.8 V and 2.0 V using Test Circuit #2
1
V/ns
tJ
Cycle to Cycle Jitter(2)
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time(2)
Stable power supply, valid clock presented on REF pin
1.0
ms


Similar Part No. - MPC962305EF-1R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962305 MOTOROLA-MPC962305 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Motorola, Inc
MPC962305D-1 MOTOROLA-MPC962305D-1 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962305D-1H MOTOROLA-MPC962305D-1H Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962305D-1HR2 MOTOROLA-MPC962305D-1HR2 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
More results

Similar Description - MPC962305EF-1R2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com