Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS552-02 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS552-02
Description  LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS552-02 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS552-02 Datasheet HTML 1Page - Integrated Device Technology ICS552-02 Datasheet HTML 2Page - Integrated Device Technology ICS552-02 Datasheet HTML 3Page - Integrated Device Technology ICS552-02 Datasheet HTML 4Page - Integrated Device Technology ICS552-02 Datasheet HTML 5Page - Integrated Device Technology ICS552-02 Datasheet HTML 6Page - Integrated Device Technology ICS552-02 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
ICS552-02
IDT™ / ICS™ LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
1
ICS552-02
REV K 092309
Description
The ICS552-02 is a low skew, single-input to eight-
output clock buffer. The device offers a dual input with
pin select for switching between two clock sources. It is
part of IDT’s ClockBlocksTM family. See the ICS553 for
a 1 to 4 low skew buffer. For more than 8 outputs see
the MK74CBxxx BuffaloTM series of clock drivers.
IDT makes many non-PLL and PLL based low skew
output devices as well as Zero Delay Buffers to
synchronize clocks. Contact us for all of your clocking
needs.
Features
Extremely low skew outputs (50ps maximum)
Packaged in 16 pin TSSOP
Available in Pb (lead) free package
Low power CMOS technology
Operating Voltages of 2.5 V to 5 V
Output Enable pin tri-states outputs
5 V tolerant input clocks
Input/Output clock frequency up to 200 MHz
Input clock multiplexer simplifies clock selection
Industrial temperature
NOTE: EOL for non-green parts to occur on
5/13/10 per PDN U-09-01
Block Diagram
O E
Q 3
Q 4
Q 2
Q 5
Q 6
Q 1
Q 0
Q 7
IN A
IN B
1
0
S E LA


Similar Part No. - ICS552-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-02 ICST-ICS552-02 Datasheet
96Kb / 6P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
logo
Renesas Technology Corp
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
More results

Similar Description - ICS552-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552-02S IDT-552-02S_17 Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS552-02 ICST-ICS552-02 Datasheet
96Kb / 6P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
552-02S IDT-552-02S Datasheet
132Kb / 10P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
IDT5P30017 RENESAS-IDT5P30017 Datasheet
260Kb / 9P
   Low Skew 1 to 2 Clock Buffer
2019
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
   Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
logo
Silicon Laboratories
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com