Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2Z-100J-A16 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XW2Z-100J-A16
Description  Cost-Effective Servo Capability with Stepper Simplicity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-100J-A16 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XW2Z-100J-A16 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-100J-A16 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
I-10
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
SmartStep Servos
Cables and Accessories
Description
Devices connected
Specification
Model
B Servo relay units
connect cables from PLC
position controller and
servo drive
CS1W-NC113/133, CJ1W-NC113/133; 1 axis; does not support
communications functions
XW2B-20J6-1B
CS1W-NC213/233/413/433, CJ1W-NC213/233/413/433; 2 axes; does not
support communications functions
XW2B-40J6-2B
CQM1H-PLB21 and CQM1-CPU43-V1; 1 axis; does not support
communications functions
XW2B-20J6-3B
CS1W-NC213/233/413/433, CJ1W-NC213/233/ 413/433; 2 axes; supports
communications functions
XW2B-40J6-4A
CJ1M-CPU22/23; 1 axis; does not support communications functions
XW2B-20J6-8A
CJ1M-CPU22/23; 2 axes; does not support communications functions
XW2B-40J6-9A
C Universal terminal
block cable to servo drive
Doesn’t support communications functions.
(For the XW2B-
@@J6-@B)
1 m length
XW2Z-100J-B5
2 m length
XW2Z-200J-B5
D Position controller
PLC module cable
CQM1H-PLB21 and CQM1-CPU43-V1 to XW2B-20J6-3B servo relay unit
1 m length
XW2Z-100J-A3
CJ1W-NC113 to XW2B-20J6-1B servo relay unit
1 m length
XW2Z-100J-A16
CJ1W-NC213 or CJ1W-NC413 to XW2B-20J6-2B servo relay unit
1 m length
XW2Z-100J-A17
CJ1W-NC133 to XW2B-20J6-1B servo relay unit
1 m length
XW2Z-100J-A20
CJ1W-NC233 or CJ1W-NC433 to XW2B-40J6-2B servo relay unit
1 m length
XW2Z-100J-A21
CJ1M-CPU22 or CJ1M-CPU23 to XW2B-20J6-8A (1 axis) or XW2B-40J6-9A (2
axes) servo relay unit
1 m length
XW2Z-100J-A26
CS1W-NC113 to XW2B-20J6-1B servo relay unit
1 m length
XW2Z-100J-A8
CS1W-NC213 or CS1W-NC413 to XW2B-40J6-2B servo relay unit
1 m length
XW2Z-100J-A9
CS1W-NC133 to XW2B-20J6-B1 servo relay unit
1 m length
XW2Z-100J-A12
CS1W-NC233 or CS1W-NC433 to XW2B-40J6-2B servo relay unit
1 m length
XW2Z-100J-A13
E Control cable
For general-purpose Controllers (mating connector for CJ1 on one end, open
ended on the other end)
1 m length
R88A-CPU001S
2 m length
R88A-CPU002S
F Universal terminal
block
For position control modules with pulse output and general-purpose controllers —
XW2B-40F5-P
Connector cable between terminal block and servo driver
1 m length
R88A-CTU001N
2 m length
R88A-CTU002N
G Analog monitor cable
(port CN4)
Servo drive to PC
1 m length
R88A-CMW001S
H Computer monitor
cable (port CN3)
Servo drive to PC
2 m length
R7A-CCA002P2
Filters
For servo drive R7D-APA3H, APA5H, AP01H, AP02H; R7D-APA3L, APA5L,
AP01L, AP02L
4 A, 250 VAC
single phase
R88A-FIW104-E
For servo drive R7D-AP04H, AP04L
7 A, 250 VAC
single phase
R88A-FIW107-E
For servo drive R7D-AP08H
15 A, 250 VAC
single phase
R88A-FIW115-E
Control I/O connector
(CN1)
R88A-CNU01C
SmartStep encoder
connector (CN2)
R7A-CNA01R
External regeneration
resistor
200 W, 47
R88A-RR22047S
Parameter copy unit with
cable
R7A-PR02A
Configuration and
monitoring software
For servo drives and inverters
Version 1.11 or
higher
CX-DRIVE
Complete OMRON
software suite
Includes CX-Drive
CX-ONE


Similar Part No. - XW2Z-100J-A16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-100J-A1 OMRON-XW2Z-100J-A1 Datasheet
1,009Kb / 12P
   Simplify Wiring between Motor Controls and Omrons Position Control PLC Modules
XW2Z-100J-A10 OMRON-XW2Z-100J-A10 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
XW2Z-100J-A10 OMRON-XW2Z-100J-A10 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2Z-100J-A11 OMRON-XW2Z-100J-A11 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
XW2Z-100J-A11 OMRON-XW2Z-100J-A11 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - XW2Z-100J-A16

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
   STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
   STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com